Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MAH71TAX-R

  • AI
    The **MAH71TAX-R** is a specialized high-performance cooling fan component, typically manufactured by **Nidec Corporation**. It is designed for thermal management in server systems, telecommunications equipment, and industrial computing where high static pressure and reliability are critical. --- ### 1. Technical Specifications The "MAH" series generally refers to high-airflow axial fans. Below are the typical electronic and mechanical characteristics associated with this part number: | Feature | Description | | :--- | :--- | | **Frame Size** | 70mm x 70mm x 38mm (Commonly) | | **Voltage** | 12V DC (Standard for T-series) | | **Bearing Type** | Dual Ball Bearing (for long MTBF) | | **Control Signal** | PWM (Pulse Width Modulation) for speed control | | **Feedback Signal** | Tachometer (FG - Frequency Generator) output | | **Termination** | 4-wire lead (VCC, Ground, PWM, Tach) | --- ### 2. Key Electronic Components Inside the fan assembly, several electronic parts work together to manage motor rotation and communication with the host system: * **Brushless DC (BLDC) Motor:** Utilizes a permanent magnet rotor and electromagnetic stator coils, eliminating friction from brushes. * **Driver IC (Integrated Circuit):** A specialized controller that manages the commutation of the motor phases. It interprets the PWM input signal to adjust the duty cycle and resulting RPM. * **Hall Effect Sensor:** An internal sensor that detects the position of the rotor's magnetic field to ensure precise timing for phase switching. * **Protection Circuitry:** * **Locked Rotor Protection:** Automatically cuts power or attempts restarts if the blades are obstructed to prevent coil burnout. * **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are accidentally swapped. --- ### 3. Pinout Configuration Since this is a high-performance "R" (usually indicating high RPM or specific environmental Rating) model, it typically follows the standard 4-wire server fan pinout: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Black** | GND | Ground / Negative | | **Red** | VCC | +12V Power Supply | | **Yellow** | Tach/FG | Outputs pulses (usually 2 per revolution) to monitor speed | | **Blue** | PWM | Input signal from the motherboard to control fan speed | --- ### 4. Applications The **MAH71TAX-R** is engineered for environments with high impedance (dense heat sinks or tightly packed server chassis): * **Enterprise Servers:** 1U/2U rack-mounted systems. * **Network Switches:** Cooling high-speed ASICs. * **Power Supplies:** Internal cooling for high-wattage industrial PSUs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and Airflow (CFM) for the MAH71TAX-R?
    • ⤷ Can this fan be used with a standard 3-pin header?
    • ⤷ What are the specific environmental ratings for the 'R' suffix in this model?