Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ME24XBX-R

  • AI
    ## Overview of the ME24XBX-R The **ME24XBX-R** is a specific model of an **electromechanical power relay**, typically manufactured by brands like Magnecraft (now part of Schneider Electric) or similar industrial component suppliers. This relay is designed for switching electrical loads in industrial control systems. ### 1. Key Technical Specifications The model number typically breaks down into specific electrical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Coil Voltage** | 24 VAC | Requires 24 Volts Alternating Current to energize the coil. | | **Contact Configuration** | DPDT (2 Form C) | Double Pole Double Throw; can control two separate circuits. | | **Current Rating** | ~10A to 15A | Typical switching capacity per pole (load dependent). | | **Mounting Style** | Plug-in / Socket | Designed to fit into an 8-pin or blade-style relay socket. | | **Features** | Indicator Lamp/Button | The "R" suffix often denotes a **Mechanical Flag** or **Push-to-test** button. | --- ### 2. Internal Electronic Components Although it is primarily a mechanical device, the ME24XBX-R consists of several critical internal parts: #### A. The Electromagnetic Coil * **Function:** Converts the 24VAC input into a magnetic field. * **Composition:** Fine copper wire wrapped around an iron core. When energized, the magnetic force pulls the armature toward the core. #### B. The Contact System * **Stationary Contacts:** Fixed points connected to the output terminals. * **Movable Armature:** The "swinging" part that moves when the coil is energized. * **Material:** Usually silver alloy (Silver Cadmium Oxide or Silver Tin Oxide) to resist "arcing" and welding under high current. #### C. Return Spring * Ensures that when power is removed from the coil, the contacts return to their "Normally Closed" (NC) position immediately. #### D. Mechanical Indicator (The "R" Feature) * A small plastic flag or a LED (if equipped) that provides a visual status to the technician, showing whether the relay is currently energized or tripped. --- ### 3. Application Use Cases Relays like the ME24XBX-R are commonly found in: 1. **HVAC Systems:** Controlling fans or compressors using 24V thermostat signals. 2. **Industrial Automation:** Interfacing low-power PLC outputs with high-power motors or heaters. 3. **Security Systems:** Triggering sirens or lighting arrays. --- ### 4. Wiring Reference | Terminal Type | Purpose | | :--- | :--- | | **Coil Terminals** | Connection for the 24VAC control signal. | | **Common (COM)** | The input leg of the circuit being switched. | | **Normally Open (NO)** | Contact is open until the relay is energized. | | **Normally Closed (NC)** | Contact is closed until the relay is energized. |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 24VAC and a 24VDC relay coil?
    • ⤷ Which socket model is compatible with the ME24XBX-R?
    • ⤷ How do I test the contacts of this relay using a multimeter?