Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ME26ZBD-R

  • AI
    The **ME26ZBD-R** is an alphanumeric liquid crystal display (LCD) module. It is a character-based display, typically used in industrial equipment, point-of-sale terminals, and embedded systems to provide visual feedback to users. Below is a breakdown of its technical specifications and electronic components. ### 1. General Specifications This module is defined by its ability to display text in a specific grid format. | Feature | Specification | | :--- | :--- | | **Display Format** | 20 Characters x 2 Lines | | **Module Type** | STN (Super-Twisted Nematic) | | **Interface** | Parallel (8-bit or 4-bit) | | **Backlight** | LED (Typically Yellow-Green) | | **Controller** | HD44780 compatible | --- ### 2. Electronic Component Breakdown The functionality of the ME26ZBD-R relies on several key internal and external parts: #### A. The LCD Controller (IC) Most modules of this type use the **HD44780** (or a compatible clone like the KS0066). This integrated circuit: * Stores the character set (ASCII). * Manages the timings required to refresh the screen. * Handles communication with the host microcontroller (MCU). #### B. The Connector Pinout The module features a standard 16-pin interface. The roles of these pins are: 1. **VSS/VDD:** Power supply (usually +5V). 2. **VO:** Contrast adjustment (connected to a potentiometer). 3. **RS (Register Select):** Switches between sending commands or data. 4. **RW (Read/Write):** Usually tied to Ground (Write mode). 5. **E (Enable):** Latches the data into the controller. 6. **DB0–DB7:** Data bus pins for communication. 7. **A/K (Anode/Cathode):** Pins for the LED backlight power. #### C. Passives and Glass * **Zebra Strips (Elastomeric Connectors):** Conductive rubber strips that connect the PCB to the glass panel. * **Polarizers:** Film layers on the glass that manage light waves to create visible contrast. --- ### 3. Implementation Example To interface this part with a microcontroller like an Arduino, the basic wiring follows the parallel logic standard. ```cpp #include // Initialize the library with the numbers of the interface pins // RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(20, 2); // Set up for 20x2 display lcd.print("ME26ZBD-R System"); } void loop() { // Main logic here } ``` --- ### 4. Critical Operating Parameters When designing a circuit for this part, keep the following limits in mind: * **Supply Voltage:** 4.5V to 5.5V. * **Logic High:** Minimum 2.2V. * **Operating Temperature:** Generally 0°C to +50°C (Standard) or -20°C to +70°C (Wide Temp versions).
    ✨ Follow-up Questions
    • ⤷What is the typical power consumption of the ME26ZBD-R backlight?
    • ⤷ How do I adjust the contrast if the characters are too faint?
    • ⤷ Is there an I2C adapter available for this 20x2 module?