Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ME54XBD-R

  • AI
    The **ME54XBD-R** typically refers to a specialized component often found in high-frequency power electronics or specific automotive/industrial sensors (often associated with brands like Mitsubishi or specific Japanese semiconductor manufacturers). Below is a breakdown of the electronic characteristics and functions typically associated with this series. --- ## 1. General Specifications The "ME" series often denotes a **Power Module** or a **Power MOSFET/IGBT** assembly designed for high-density surface mounting. | Feature | Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET / Power Transistor | | **Package Style** | SOP-8 / PowerPAK (Typical) | | **Max Voltage ($V_{DSS}$)** | Usually rated for 30V - 60V (Application dependent) | | **Current Handling** | High-current capability (10A - 25A range) | | **Configuration** | Single or Dual N-Channel | --- ## 2. Key Electronic Features Components in the ME54XBD-R family are engineered for efficiency in power conversion. * **Low $R_{DS(on)}$:** These parts feature very low Drain-to-Source "ON" resistance. This minimizes power loss as heat during high-current operations. * **High Switching Speed:** Optimized for DC-DC converters and PWM (Pulse Width Modulation) applications. * **Thermal Efficiency:** The "-R" suffix often indicates a specific reel packaging or a reinforced thermal pad on the bottom of the chip to dissipate heat into the PCB. --- ## 3. Pinout and Circuit Role In a standard 8-pin configuration, the electronic structure usually follows this logic: ```text SOP-8 Top View +-----------------+ 1 | Source | 8 | Drain 2 | Source | 7 | Drain 3 | Source | 6 | Drain 4 | Gate | 5 | Drain +-----------------+ ``` ### Role in a Circuit: 1. **Switching:** It acts as a gatekeeper for current, turning on and off millions of times per second. 2. **Protection:** Often used in battery management systems (BMS) to prevent over-discharge. 3. **Voltage Regulation:** Used in the VRM (Voltage Regulator Module) of motherboards or industrial controllers. --- ## 4. Common Applications Due to its small footprint and high power handling, it is found in: * **Laptop Power Stages:** Managing the battery-to-CPU power flow. * **Motor Drivers:** Controlling small DC motors in robotics. * **LED Drivers:** Regulating current for high-brightness arrays. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact RDS(on) value for the ME54XBD-R at 4.5V?
    • ⤷ Is the ME54XBD-R a logic-level MOSFET?
    • ⤷ What are the recommended heat sinking techniques for this SOP-8 package?