Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ME58XBD-R

  • AI
    The **ME58XBD-R** is an absolute rotary encoder module commonly used in industrial automation, robotics, and motor feedback systems. It is part of a series often associated with high-precision motion control. --- ### ## Technical Overview The ME58XBD-R operates as an **Absolute Encoder**, meaning it retains position information even after power is lost. Unlike incremental encoders, it does not require a "homing" sequence upon startup. ### ### Key Electronic Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Output Type** | Binary or Gray Code (Digital) | | **Resolution** | Usually 10-bit to 13-bit (1024 to 8192 positions per turn) | | **Supply Voltage** | 5V DC or 10-30V DC (Model dependent) | | **Interface** | Parallel or SSI (Synchronous Serial Interface) | | **Outer Diameter** | 58mm (Industrial Standard) | | **Shaft Type** | Solid shaft or Blind Hollow shaft | --- ### ## Core Electronic Components 1. **Light Source (LED):** An infrared LED provides the light beam required to read the internal disc. 2. **Code Disc:** A glass or plastic disc featuring a complex pattern of opaque and transparent segments representing a unique binary code for every angle. 3. **Photosensor Array:** A specialized ASIC (Application Specific Integrated Circuit) or phototransistor array that receives the light and converts it into electrical pulses. 4. **Signal Processing Circuit:** This internal PCB handles error correction, signal amplification, and converts the raw analog sensor data into a digital format (like RS422 levels). --- ### ## Connection & Wiring Standard wiring for these modules typically follows this logic: | Wire Color (Standard) | Function | Description | | :--- | :--- | :--- | | **Red / Brown** | Vcc | Positive Power Supply | | **Black / Blue** | 0V / GND | Ground | | **Green / Yellow** | Data / Clock | Communication lines for SSI or Parallel bits | | **Shield** | PE | Earth/Ground for noise reduction | --- ### ## Common Applications * **CNC Machinery:** Precise positioning of the tool head. * **Medical Equipment:** Accurate rotation in CT scanners or robotic arms. * **Packaging Machines:** Synchronizing conveyor belts with cutting tools.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Parallel and SSI interfaces for this encoder?
    • ⤷ How do I troubleshoot a 'No Signal' error on an ME58 series encoder?
    • ⤷ Can this encoder be used in high-vibration environments?