Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ME61ZAA-R

  • AI
    The **ME61ZAA-R** is an integrated circuit, typically a **Linear Voltage Regulator** (LDO) from the ME61 series. These components are designed for battery-powered applications where low power consumption and stability are critical. --- ### 1. Key Technical Specifications Below are the typical parameters for the ME61 series (please check the specific datasheet for the ZAA-R sub-variant for exact voltage values): | Feature | Specification | | :--- | :--- | | **Output Type** | Fixed Output Voltage | | **Input Voltage Range** | Up to 6.0V - 7.0V | | **Output Current** | 300mA to 500mA (Typical) | | **Quiescent Current** | ~1.0µA (Ultra-low power) | | **Dropout Voltage** | ~100mV @ 100mA | | **Package Type** | SOT-23, SOT-89, or SOT-23-5 | --- ### 2. Part Number Breakdown The suffixing on these chips usually indicates specific features: * **ME61**: Series identifier (High-speed, Low Dropout). * **Z**: Often denotes the accuracy tolerance (e.g., ±1% or ±2%). * **AA**: Internal code for output voltage (e.g., 3.3V or 5.0V depending on the manufacturer's table). * **-R**: Indicates packaging type, usually **Tape and Reel** for automated assembly. --- ### 3. Features & Protection This electronic part is engineered for efficiency and safety in compact circuits: * **Low Quiescent Current:** Essential for extending battery life in standby modes. * **Built-in Protections:** * **Over-current Protection:** Limits output current to prevent damage during a short circuit. * **Thermal Shutdown:** Shuts the device off if it exceeds safe operating temperatures. * **Stability:** Designed to be stable even with low-ESR ceramic capacitors. --- ### 4. Typical Applications The ME61ZAA-R is commonly found in the following devices: 1. **IoT Devices:** Low-power sensors and wireless modules (ESP32/NRF52). 2. **Wearables:** Smartwatches and fitness trackers. 3. **Portable Electronics:** Digital cameras and handheld gaming consoles. 4. **Reference Voltage:** Providing a steady voltage for Microcontrollers (MCUs). --- ### 5. Equivalent/Substitution If you cannot find the ME61 series, common alternatives with similar pinouts include: * **XC6206 Series** * **HT73xx Series** * **RT9166 Series**
    ✨ Follow-up Questions
    • ⤷What is the exact output voltage for the 'AA' variant of this chip?
    • ⤷ Can you provide the pinout diagram for the SOT-23 version?
    • ⤷ What is the maximum input voltage for the ME61ZAA-R?