Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ME66ZBD-R

  • AI
    The **ME66ZBD-R** is an electronic component, specifically a **low-dropout (LDO) linear voltage regulator**. These devices are crucial in modern electronics for providing a stable, clean output voltage from a higher or fluctuating input source. --- ### ## Technical Specifications Below are the typical specifications associated with the ME66ZBD series: | Parameter | Value/Description | | :--- | :--- | | **Output Voltage** | 5.0V (Fixed) | | **Input Voltage Range** | Up to 18V (Typical max) | | **Output Current** | ~250mA to 300mA | | **Package Type** | SOT-23 / SOT-89 (Surface Mount) | | **Dropout Voltage** | Low (allows efficient operation near input voltage) | | **Quiescent Current** | Low (ideal for battery-powered devices) | --- ### ### Key Features 1. **Low Noise:** This component is designed to filter out ripple from the power supply, making it ideal for powering sensitive analog circuits or RF modules. 2. **Internal Protection:** It usually includes thermal shutdown and current limiting protection to prevent the chip from burning out during a short circuit. 3. **Stability:** It is designed to be stable with small ceramic capacitors, saving board space. --- ### ### Typical Application Circuit When using the ME66ZBD-R, a standard configuration is required to ensure stability. ```mermaid graph LR Vin[Input Voltage] --> C1(Input Cap 1uF) C1 --> IC[ME66ZBD-R] IC --> C2(Output Cap 1uF) C2 --> Vout[Stable 5.0V Output] IC --- GND[Ground] ``` ### ### Common Uses * **Battery-Powered Equipment:** Due to its low power consumption when idle. * **Communication Equipment:** Powering Bluetooth or Wi-Fi modules that require steady 5V. * **Microcontrollers:** Providing a regulated rail for MCUs that cannot tolerate voltage spikes. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ME66ZBD-R and a switching regulator?
    • ⤷ Can this part handle input voltages higher than 18V?
    • ⤷ What are the recommended capacitor values for the input and output pins?