Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ME78XAA-R

  • AI
    The **ME78XAA-R** is an industrial-grade high-precision pressure sensor (often referred to as a pressure transmitter or transducer) commonly used in HVAC, automotive, and industrial process control. It is based on **Ceramic Thick-Film Technology**. --- ## 1. Core Electronic Components & Architecture The ME78XAA-R operates on a bridge-circuit principle integrated onto a ceramic substrate. | Component | Function | | :--- | :--- | | **Ceramic Diaphragm** | Acts as the sensing element; deforms slightly under pressure. | | **Thick-Film Resistors** | Printed in a Wheatstone Bridge configuration on the ceramic. | | **ASIC (Application Specific IC)** | Performs signal conditioning, amplification, and temperature compensation. | | **EMC Protection** | Internal capacitors and varistors to prevent RFI/EMI interference. | | **Terminal Pins** | Typically a 3-pin or 4-pin interface (Vcc, GND, Out). | --- ## 2. Technical Specifications Below are the typical electronic characteristics for the ME78 series: | Parameter | Standard Value | | :--- | :--- | | **Supply Voltage (Vcc)** | 5.0 VDC (±0.25V typical) | | **Output Signal** | Ratiometric (0.5V to 4.5V) | | **Current Consumption** | < 5 mA | | **Response Time** | < 2 ms | | **Insulation Resistance** | > 100 MΩ at 500VDC | | **Operating Temp Range** | -40°C to +135°C | --- ## 3. Principle of Operation 1. **Pressure Transduction:** When pressure is applied to the **Ceramic (Al2O3)** base, it causes a physical micro-strain. 2. **Piezoresistive Effect:** The thick-film resistors printed on the ceramic change their resistance values proportional to the strain. 3. **Signal Conditioning:** The internal **ASIC** detects the voltage imbalance in the Wheatstone bridge. 4. **Output Generation:** The ASIC amplifies this micro-voltage into a linear analog signal (usually 0.5–4.5V) that a PLC or ECU can read. --- ## 4. Key Electronic Advantages * **Ratiometric Output:** The output voltage scales with the input supply voltage, ensuring accuracy even if the power supply fluctuates slightly. * **High Stability:** Ceramic is chemically inert and thermally stable, meaning the electronic "zero point" does not drift significantly over time. * **Integrated Protection:** Designed to handle reverse polarity and short circuits on the output pins.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the ME78XAA-R?
    • ⤷ How do I calibrate the 0.5V-4.5V output for a microcontroller?
    • ⤷ What is the maximum pressure rating for the 'R' variant of this sensor?