Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ME78ZAA-R

  • AI
    The **ME78ZAA-R** is an industrial-grade **LoRaWAN module** developed by Meig Smart Technology. It is designed specifically for Low Power Wide Area Network (LPWAN) applications, enabling long-range communication with minimal power consumption. --- ## 1. Core Technical Specifications The module is built on high-performance wireless chipsets designed for IoT (Internet of Things) connectivity. | Feature | Specification | | :--- | :--- | | **Communication Protocol** | LoRaWAN (V1.0.3 / V1.0.4) | | **Frequency Bands** | AS923, AU915, EU868, US915 (Region dependent) | | **Modulation** | LoRa, FSK, GFSK, OOK | | **Transmit Power** | Up to +22 dBm | | **Sensitivity** | Down to -137 dBm | | **Interface Type** | UART, SPI, I2C, GPIO, ADC | | **Operating Voltage** | 2.1V to 3.7V | --- ## 2. Key Electronic Components & Architecture The internal architecture of the ME78ZAA-R typically consists of three primary functional blocks: ### A. The MCU (Microcontroller Unit) The heart of the module is usually an **ARM Cortex-M series** processor. This chip handles: * The LoRaWAN protocol stack. * Power management logic. * Data processing from external sensors via GPIO or I2C. ### B. The RF Transceiver This is the radio component (often based on Semtech technology) responsible for converting digital data into radio waves. It features: * **PA (Power Amplifier):** Boosts the signal for long-range transmission. * **LNA (Low Noise Amplifier):** Improves the reception of weak signals from distant gateways. ### C. Power Management Circuitry Designed for "Deep Sleep" modes, the electronic design ensures that the module draws only a few microamps (µA) when idle, making it ideal for battery-operated devices intended to last 5–10 years. --- ## 3. Pinout and Integration The module is typically provided in an **LCC (Leadless Chip Carrier)** package, which allows for automated SMT (Surface Mount Technology) assembly. * **UART Pins:** Used for AT command control and firmware debugging. * **RF Antenna Pad:** Where the external 50-ohm antenna is soldered or connected via a U.FL connector. * **Reset & Wakeup:** Critical pins for managing the module's power states from an external host MCU. --- ## 4. Common Applications Due to its electronic efficiency, the ME78ZAA-R is frequently found in: 1. **Smart Agriculture:** Soil moisture sensors and automated irrigation. 2. **Smart Metering:** Remote reading of water, gas, and electricity meters. 3. **Asset Tracking:** Monitoring shipping containers or livestock across large rural areas. 4. **Industrial IoT:** Monitoring vibration or temperature in factories without wiring.
    ✨ Follow-up Questions
    • ⤷ What is the maximum range of the ME78ZAA-R in an open-field environment?
    • ⤷ How do I configure the module using AT commands?
    • ⤷ What is the typical power consumption in Deep Sleep mode?