Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ME78ZBD-R

  • AI
    The **ME78ZBD-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor Network**. These components are widely used in high-reliability industrial, medical, and measurement equipment where stability and accuracy are critical. --- ## 1. Technical Specifications The following table outlines the typical technical parameters associated with the ME78ZBD-R series: | Parameter | Characteristic | | :--- | :--- | | **Component Type** | Thin Film Resistor Network / Array | | **Configuration** | Multiple resistors in a single surface-mount package | | **Resistance Tolerance** | Typically ±0.1% (High Precision) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C or better | | **Operating Temperature** | -55°C to +125°C | | **Substrate Material** | Alumina (Al2O3) | | **Mounting Style** | Surface Mount (SMD/SMT) | --- ## 2. Key Internal Electronic Features ### A. Thin Film Technology Unlike standard "Thick Film" resistors, the ME78ZBD-R uses a **Thin Film** deposition process (usually involving Nichrome or Tantalum Nitride). This results in: * **Lower Noise:** Reduced thermal and current noise. * **Tight Tolerance:** Ability to reach very precise resistance values. * **High Stability:** Excellent long-term drift characteristics. ### B. Matched Resistor Ratios Because these resistors are integrated on the same ceramic substrate, they exhibit **excellent tracking**. If the temperature changes, all resistors in the package shift by the same amount, maintaining a consistent voltage ratio. This is vital for operational amplifier (Op-Amp) circuits. --- ## 3. Typical Pinout and Layout Most "ZBD" designated networks are arranged in a **4-resistor / 8-pin** or **Isolated** configuration. ```text [Top View] 1 2 3 4 +---+---+---+---+ | R | R | R | R | <-- Individual Resistors +---+---+---+---+ 8 7 6 5 ``` --- ## 4. Common Applications Due to its high precision, the ME78ZBD-R is commonly found in the following electronic circuits: 1. **Voltage Dividers:** Providing stable reference voltages. 2. **Instrumentation Amplifiers:** Where gain accuracy depends on resistor matching. 3. **Digital-to-Analog Converters (DAC):** For weight-setting networks. 4. **Feedback Loops:** In high-end audio and signal processing equipment. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific resistance values available for the ME78ZBD-R series?
    • ⤷ How does the ME78ZBD-R compare to thick film resistor arrays in terms of cost and performance?
    • ⤷ Can you provide the footprint dimensions for this specific SMT package?