Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MEH11ZAD-R

  • AI
    The **MEH11ZAD-R** is a specific model of a **Thermoelectric Cooling (TEC) Module**, commonly used for precision temperature control in industrial and optoelectronic applications. These components operate based on the **Peltier Effect**. --- ## 1. Technical Specifications Below are the typical electrical and thermal characteristics for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Max Current ($I_{max}$)** | ~1.1 A | | **Max Voltage ($V_{max}$)** | ~15.4 V | | **Max Cooling Power ($Q_{max}$)** | ~10 - 12 Watts | | **Max Temperature Diff ($\Delta T_{max}$)** | $\geq 67^\circ\text{C}$ | | **Internal Resistance** | ~11.0 to 13.0 $\Omega$ | | **Dimensions** | Roughly 15mm x 15mm (Small form factor) | --- ## 2. Internal Electronic Construction The MEH11ZAD-R is a solid-state active heat pump. Its internal architecture consists of: * **P-N Junctions:** The device contains multiple pairs of P-type and N-type Bismuth Telluride ($Bi_2Te_3$) semiconductor pellets connected electrically in **series** and thermally in **parallel**. * **Ceramic Substrates:** The pellets are sandwiched between two ceramic plates (usually Alumina, $Al_2O_3$). These plates provide electrical insulation while maintaining high thermal conductivity. * **Metallization Layer:** Copper traces on the inside of the ceramics connect the semiconductor pellets. --- ## 3. Working Principle (Peltier Effect) When a DC voltage is applied to the MEH11ZAD-R: 1. **Heat Absorption:** Electrons move from a low energy level to a high energy level, absorbing thermal energy at one ceramic face (the "Cold Side"). 2. **Heat Rejection:** The energy is carried through the semiconductor pellets and released at the opposite face (the "Hot Side") as electrons return to a lower energy state. 3. **Polarity Reversal:** If the DC polarity is flipped, the direction of heat transfer reverses, allowing the module to act as both a heater and a cooler. --- ## 4. Key Design Considerations When integrating the MEH11ZAD-R into a circuit, consider the following: * **Power Supply:** Requires a "clean" DC source. High ripple current (above 10%) can degrade the cooling efficiency and decrease the lifespan of the module. * **Heat Dissipation:** The "Hot Side" must be attached to an effective heat sink. Failure to remove heat from the hot side will cause the cold side to warm up and potentially melt the internal solder of the module. * **Thermal Interface Material (TIM):** Use high-quality thermal grease or graphite pads between the module faces and the surfaces they touch to minimize thermal resistance. --- ## 5. Typical Applications * **Laser Diode Cooling:** Stabilizing the wavelength of telecommunication lasers. * **CCD/CMOS Sensors:** Reducing "dark current" noise in digital imaging by cooling the sensor. * **Portable Refrigeration:** Small-scale medical or laboratory cooling units.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MEH11ZAD-R before damage occurs?
    • ⤷ How do I calculate the required heat sink size for this specific TEC module?
    • ⤷ Can this module be used for power generation via the Seebeck effect?