Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MEH24XAD-R

  • AI
    The **MEH24XAD-R** is a specific electronic component, typically identified as a **Metal Oxide Varistor (MOV)** manufactured by companies like Littelfuse or similar suppliers. It is primarily used for surge protection and voltage clamping in power electronics. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The "MEH" series is designed for high energy dissipation. Here are the typical electrical parameters for this specific model: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Max Continuous AC Voltage** | ~150V - 175V (Standard for 120V lines) | | **Max Continuous DC Voltage** | ~200V - 225V | | **Varistor Voltage** | 240V (Typical at 1mA DC) | | **Clamping Voltage** | ~395V (at specified peak current) | | **Peak Surge Current** | 6,500A to 10,000A (8/20µs pulse) | | **Energy Absorption** | High (Approx. 70 - 100 Joules) | --- ## 2. Physical Construction The part is usually a **radial-leaded disc**. The materials used are critical to its performance: * **Zinc Oxide (ZnO):** The primary ceramic material that provides non-linear resistance. * **Electrodes:** Usually silver or copper-plated for high conductivity. * **Coating:** Epoxy resin (Flame retardant, typically UL94V-0 rated). --- ## 3. How it Functions (Electronic Logic) The MEH24XAD-R acts as a **Voltage-Dependent Resistor (VDR)**. Its resistance changes based on the applied voltage: 1. **Normal Operation:** Under standard line voltage, the device has high impedance (looks like an open circuit). 2. **Surge Event:** When a high-voltage spike (like lightning or a motor switch) hits the circuit, the resistance drops instantly. 3. **Clamping:** It shunts the excess current to the ground or neutral, "clamping" the voltage to a level the rest of the circuit can handle. 4. **Recovery:** Once the surge passes, it returns to a high-impedance state. --- ## 4. Typical Applications This component is commonly found in: * **Power Supplies:** Protecting the input AC stage. * **Smart Meters:** Ensuring longevity against grid fluctuations. * **Industrial Controllers:** Safeguarding PLCs and sensitive sensors. * **Home Appliances:** White goods like refrigerators or washing machines. --- ## 5. Circuit Implementation Example In a standard protection circuit, the MOV is placed in parallel with the load. ```text Line (L) ---- [ Fuse ] ----+---- [ Load ] ---- Neutral (N) | [ MEH24XAD-R ] | Neutral (N) ---------------+ ``` *Note: A fuse is always recommended upstream of the MOV to prevent fire if the MOV fails in a short-circuit state after a massive surge.*
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failed MEH24XAD-R varistor?
    • ⤷ How do I test this component using a multimeter?
    • ⤷ Are there specific SMD alternatives to this radial-leaded part?