Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MEH28ZAD-R

  • AI
    The **MEH28ZAD-R** is a specific model of an **External Rotor Axial Fan**, typically manufactured by companies like **Commonwealth (COCO)** or similar industrial cooling fan specialists. These fans are designed for high-performance cooling in industrial cabinets, telecommunications, and refrigeration. --- ### 1. Key Technical Specifications Below are the primary electronic and mechanical characteristics of the MEH28ZAD-R: | Specification | Detail | | :--- | :--- | | **Motor Type** | External Rotor Motor (Induction) | | **Voltage** | 220V - 240V AC (50/60Hz) | | **Power Consumption** | ~110W to 150W (depending on frequency) | | **Airflow Capacity** | High Volume (approx. 1000+ CFM depending on housing) | | **Bearing System** | Dual Ball Bearings (for long life) | | **Material** | Aluminum Die-cast frame / Metal Impellers | | **Termination** | Lead wires or Terminal block | --- ### 2. Core Electronic Components The "Electronic" side of this fan consists of the motor assembly and protection circuits: #### A. External Rotor Motor Unlike a standard motor where the center spins inside a fixed shell, the **External Rotor** design means the stationary part (stator) is in the middle, and the outer shell (rotor) spins. * **Efficiency:** This design provides better cooling for the motor itself and allows for a more compact axial depth. * **Starting Capacitor:** As an AC motor, it usually requires a **Run Capacitor** (typically rated around 4uF to 8uF / 450V) to create the necessary phase shift for rotation. #### B. Insulation & Protection * **Class F Insulation:** The internal wiring is rated for high temperatures (up to 155°C). * **Thermal Protection:** Most models in this series include an internal **Thermal Overload Protector (TOP)**. This component automatically cuts power to the motor if the internal temperature exceeds a safe threshold to prevent fire or winding failure. #### C. EMI/RFI Suppression High-end AC fans often include basic capacitor-based filtering to reduce electromagnetic interference (EMI) that could bleed back into the power line and affect sensitive nearby electronics. --- ### 3. Wiring and Connection The MEH28ZAD-R typically uses a 3-wire or 4-wire configuration: ```yaml Standard Wiring: - Brown/Black: Live (L) - Blue: Neutral (N) - Green/Yellow: Ground (GND) - White (Optional): Capacitor connection (if not internal) ``` --- ### 4. Application Areas Due to its robust electronic design, the MEH28ZAD-R is used in: 1. **Server Racks:** High-density heat dissipation. 2. **HVAC Systems:** Condenser cooling or air exchange. 3. **Industrial Lasers:** Cooling the power supply and optics. 4. **Welding Machines:** Managing high thermal loads during operation.
    ✨ Follow-up Questions
    • ⤷What is the specific airflow (CFM) rating for the MEH28ZAD-R at 60Hz?
    • ⤷ Does this model require an external starting capacitor or is it built-in?
    • ⤷ What are the physical dimensions (mm) of this fan model?