Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MEH28ZBX-R

  • AI
    The **MEH28ZBX-R** is a specific model of an **Electromagnetic Brake** (clutch-brake component), typically manufactured by companies like **Miki Pulley**. These components are essential in industrial automation for stopping and holding rotating shafts. --- ### 1. Technical Specifications The "MEH" series refers to a Micro-clutch/brake unit. Below are the typical electronic and mechanical characteristics for this model: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Electromagnetic Spring-Close / Power-Off Brake | | **Voltage** | 24V DC (Standard) | | **Braking Torque** | Approximately 0.28 N·m to 0.4 N·m | | **Power Consumption** | ~5W - 8W (varies by coil efficiency) | | **Response Time** | High-speed (typically < 30ms) | | **Mounting Style** | Flange Mount / Shaft through-hole | --- ### 2. Internal Electronic Components The device operates on electromagnetic principles. Its internal "electronic" assembly consists of the following: * **Electromagnetic Coil:** The core component. When DC current passes through the copper windings, it creates a magnetic field that pulls the armature plate against the friction disk or releases it (depending on whether it is a "power-on" or "power-off" design). * **Lead Wires:** Usually two wires (Positive/Negative) for the 24V DC input. Since it is a DC coil, polarity usually does not affect the magnetic pull, but it is standard to follow manufacturer color coding. * **Friction Facing:** A specialized composite material that provides the stopping force when the magnetic field is engaged/disengaged. * **Armature Assembly:** The moving metal part that responds to the magnetic flux generated by the coil. --- ### 3. Operating Principle The **MEH28ZBX-R** functions as a **Power-Off Brake** (Safety Brake): 1. **Power ON:** When 24V DC is applied, the coil creates a magnetic field that overcomes the internal spring pressure, pulling the armature away from the friction plate. The shaft is **free to rotate**. 2. **Power OFF:** When power is cut (intentional or emergency), the magnetic field collapses. Internal springs push the armature against the friction disk, locking the shaft. This provides a "fail-safe" mechanism. --- ### 4. Circuit Implementation To drive this component electronically, the following setup is required: ```python # Typical Control Logic Input: 24V DC Power Supply Control: Relay or Power MOSFET Protection: Flyback Diode (1N4007 or similar) # Note: A diode is CRITICAL to prevent back-EMF from # destroying your controller when the coil is switched off. ``` --- ### 5. Common Applications * **Robotic Arms:** Holding position when motors are powered down. * **Medical Equipment:** Precise stopping of rotating scanners or pumps. * **Office Automation:** Paper feed mechanisms in high-end printers. * **Conveyor Systems:** Small-scale sorting gates.
    ✨ Follow-up Questions
    • ⤷What is the wiring diagram for connecting this brake to a PLC?
    • ⤷ How do I calculate the flyback diode size for this specific coil?
    • ⤷ What are the maintenance requirements for the friction disk in the MEH series?