MEH53XAD-R
AI

The **MEH53XAD-R** is a specific model of a **DC Brushless Fan**, typically manufactured by Nidec (formerly Nidec Beta V). These components are widely used in server cooling, industrial electronics, and telecommunications equipment due to their high efficiency and reliability.
---
## 1. Technical Specifications
The "MEH53XAD-R" belongs to a high-performance series. Below is a breakdown of its typical electrical and mechanical characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 12V DC (Standard range 10.2V – 13.8V) |
| **Current Draw** | ~0.30A to 0.60A (Varies by specific revision) |
| **Motor Type** | Brushless DC (BLDC) Motor |
| **Bearing System** | Dual Ball Bearing (for long life) |
| **Dimensions** | 80mm x 80mm x 25mm (Approx.) |
| **Connector** | 3-Pin or 4-Pin (PWM/Tachometer support) |
---
## 2. Key Electronic Components
The internal PCB of the MEH53XAD-R contains several critical electronic parts that manage the rotation and protection of the motor:
### A. The Commutation IC (Driver)
Since it is a brushless motor, it does not use physical brushes. Instead, it uses an integrated circuit (IC) to switch the polarity of the electromagnets.
* **Function:** Controls the timing of the current sent to the stator coils.
* **Feature:** Often includes **Locked Rotor Protection**, which cuts power if the blades are obstructed to prevent the coils from melting.
### B. Hall Effect Sensor
A small semiconductor sensor located near the rotor.
* **Function:** Detects the position of the permanent magnets on the fan blades.
* **Feedback:** Sends signals to the Commutation IC so it knows which coil to energize next.
### C. Signal Outputs (Yellow/Blue Wires)
The "-R" suffix often denotes a specific wiring configuration, usually involving:
1. **Tachometer (Frequency Generator):** Outputs a square wave pulse proportional to the RPM. This allows the motherboard to monitor fan speed.
2. **PWM Control (Optional):** Allows for external speed control by pulsing the power supply rather than lowering the voltage.
### D. Protection Circuitry
* **Reverse Polarity Protection:** A diode is usually present to prevent damage if the + and - wires are swapped.
* **Zener Diodes:** Used to suppress voltage spikes (back EMF) generated when the motor stops or changes speed.
---
## 3. Wiring Configuration
Most MEH53XAD-R models follow the standard industrial color coding:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC (+) | 12V DC Power |
| **Black** | GND (-) | Ground |
| **Yellow/White** | SENSE | Tachometer / RPM Signal |
| **Blue** | PWM | Speed Control (4-wire models only) |
---
- ⤷
What is the maximum RPM and Airflow (CFM) for the MEH53XAD-R?
- ⤷ How do I test the Tachometer signal using an oscilloscope?
- ⤷ Can this fan be used with a 5V power source instead of 12V?