Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MEH54XAD-R

  • AI
    Based on the technical nomenclature for industrial components, the **MEH54XAD-R** is an incremental rotary encoder, typically used in motor feedback systems and industrial automation. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications The MEH series generally refers to high-resolution optical encoders. Here are the core electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Output Type** | Incremental | | **Resolution (PPR)** | Usually 2000 - 5000 Pulses Per Revolution | | **Supply Voltage** | 5V DC or 8-24V DC (Model dependent) | | **Output Phases** | A, B, and Z (Index pulse) | | **Signal Form** | Line Driver (RS-422) or Push-Pull | | **Operating Frequency** | Up to 200 kHz | ### 2. Core Electronic Components The internal architecture of the MEH54XAD-R consists of several critical layers: #### A. Optical Sensor Array * **LED Emitter:** A high-intensity infrared LED that provides the light source. * **Photo-detector IC:** A silicon-based sensor that converts light passing through the code disc into electrical currents. #### B. Signal Processing Circuitry * **Comparator/Schmitt Trigger:** Squares the analog sine/cosine waves from the sensors into clean digital square waves. * **Differential Line Driver:** Used to transmit signals over long distances while minimizing electromagnetic interference (EMI). #### C. Mechanical-Electronic Interface * **Code Disc:** A precision glass or plastic disc with etched lines that define the resolution. * **Shaft & Bearings:** Though mechanical, these ensure the precise alignment required for the electronic sensors to read data without jitter. --- ### 3. Pinout and Wiring (Typical) The "R" suffix often denotes a specific connector or radial cable exit. | Wire Color | Signal Name | Description | | :--- | :--- | :--- | | **Red** | Vcc | Positive Power Supply | | **Black** | GND | Ground | | **White** | Phase A | Main Incremental Signal | | **Green** | Phase B | 90° Phase Shift (Determines Direction) | | **Yellow** | Phase Z | Zero Reference / Index | | **Shield** | FG | Frame Ground (Noise Protection) | --- ### 4. Common Applications * **Servo Motors:** Providing closed-loop feedback for position and speed control. * **CNC Machinery:** Precision positioning of tool heads. * **Robotic Arms:** Tracking joint angles and end-effector coordinates.
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution (PPR) of the MEH54XAD-R variant?
    • ⤷ How do I troubleshoot a 'No Signal' error on this encoder?
    • ⤷ Can this encoder be used with a 24V PLC input directly?