Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MEH58XAD-R

  • AI
    The **MEH58XAD-R** is a high-performance **Optical Incremental Rotary Encoder** typically manufactured by companies like *Hengstler* (or as part of specific industrial motor feedback series). It is designed to convert mechanical rotary motion into electrical signals for precise speed and position control. --- ### 1. Key Technical Specifications The "MEH" series usually refers to "Miniature Encoder Hollow-shaft" designs. Below is a breakdown of its likely electronic and physical characteristics: | Feature | Specification Details | | :--- | :--- | | **Type** | Incremental Optical Encoder | | **Resolution** | Typically ranges from 100 to 2500 PPR (Pulses Per Revolution) | | **Output Signals** | Quadrature (A, B) + Index (Z) | | **Voltage Supply** | Usually 5VDC or 8-26VDC (depending on specific sub-model) | | **Mounting** | Hollow shaft (integrated directly onto motor shafts) | | **Connection** | Radial or axial ribbon cable / connector | --- ### 2. Core Electronic Components The internal circuitry consists of several critical stages: 1. **Light Source (LED):** An infrared LED provides a constant light beam directed toward the internal glass or plastic code disc. 2. **Code Disc:** A rotating disc with transparent and opaque segments that "chops" the light into pulses. 3. **Photodetector Array:** Receives the light pulses. For high precision, it uses multiple sensors to generate phase-shifted signals. 4. **Signal Processing (ASIC):** An integrated circuit that cleans up the analog sine-wave signals from the sensors and converts them into square-wave digital pulses (TTL or HTL). 5. **Output Driver:** The final stage that pushes the signal through the cable. This is often a **Line Driver (RS422)** which allows for long cable runs with high noise immunity. --- ### 3. Signal Output Logic The MEH58XAD-R typically utilizes **Quadrature Output**, which allows the controller to determine both speed and direction: * **Channel A & B:** Two square waves shifted by 90 electrical degrees. If A leads B, the shaft is turning clockwise; if B leads A, it is counter-clockwise. * **Index (Z) Channel:** A single pulse per full revolution used for "homing" or finding a reference zero position. * **Complementary Signals (/A, /B, /Z):** Differential signals used to cancel out electromagnetic interference (EMI) in industrial environments. --- ### 4. Typical Applications Because of its hollow-shaft design and optical precision, it is commonly used in: * **AC Servo Motors:** For commutation and velocity feedback. * **Robotic Arms:** To track joint angles accurately. * **Medical Equipment:** High-precision scanning or laboratory automation. * **CNC Machinery:** Feedback for spindle or axis positioning. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MEH58XAD-R connector?
    • ⤷ How do I troubleshoot a 'No Signal' error on an incremental encoder?
    • ⤷ What is the difference between TTL and HTL output types for this model?