Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MEH66XBD-R

  • AI
    The **MEH66XBD-R** is a high-performance, industrial-grade **Incremental Rotary Encoder** manufactured by **Nemicon**. It is specifically designed for integration into AC servo motors and high-precision motion control systems. Below is a detailed breakdown of its electronic components, specifications, and interface features. --- ### 1. Key Technical Specifications The MEH66 series is known for its compact hollow-shaft design and high-frequency response. | Feature | Specification Details | | :--- | :--- | | **Type** | Optical Incremental Rotary Encoder | | **Resolution** | Typically 2048 to 2500 Pulses Per Revolution (PPR) | | **Output Phases** | A, B, Z (Index) + Commutation signals (U, V, W) | | **Supply Voltage** | DC +5V ±5% | | **Current Consumption** | ≤ 150mA | | **Maximum Frequency** | 200 kHz | | **Shaft Type** | Hollow Shaft (usually 6mm to 8mm depending on sub-variant) | --- ### 2. Electronic Component Breakdown #### A. Optical Sensing Unit The heart of the MEH66XBD-R consists of: * **LED Light Source:** An infrared LED that projects light through a graduated disk. * **Code Disk:** A high-precision glass or plastic disk with etched lines representing the resolution (PPR). * **Photo-Detector Array:** A customized ASIC (Application Specific Integrated Circuit) that converts the light pulses into electrical signals. #### B. Signal Processing & Commutation Unlike standard encoders, the "BD" designation often indicates the inclusion of **Commutation Signals**: * **Incremental Channels (A, B, Z):** Provide position and speed data. Phase A and B are shifted by 90° (Quadrature) to determine direction. * **Pole Signals (U, V, W):** These electronic signals mimic the Hall effect sensors used in brushless DC (BLDC) motors to synchronize the motor's phases for startup. #### C. Output Circuitry (Line Driver) The MEH66XBD-R typically utilizes a **Line Driver output (RS-422 compliant)**. * **Components:** Integrated differential line driver chips (like the 26LS31). * **Benefit:** It outputs both the signal and its complement (e.g., A and /A). This provides high noise immunity and allows for long cable runs in electrically "noisy" industrial environments. --- ### 3. Wiring and Pinout Configuration The device uses a multi-core shielded cable. While colors can vary by manufacturing batch, the standard Nemicon logic is as follows: | Signal Type | Function | | :--- | :--- | | **Vcc / GND** | Power supply (+5V) and 0V Ground | | **A / Ā** | Incremental Channel A and Inverted A | | **B / B̄** | Incremental Channel B and Inverted B | | **Z / Z̄** | Index Pulse (one per revolution) | | **U, V, W** | Commutation phases for motor synchronization | | **Shield** | Connected to the encoder housing for EMI protection | --- ### 4. Typical Applications * **AC Servo Motors:** Providing feedback for closed-loop control. * **Robotic Arms:** Precise joint positioning. * **CNC Machinery:** High-speed spindle or axis monitoring. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Line Driver and Open Collector output for this model?
    • ⤷ How do I align the U
    • ⤷ V
    • ⤷ W commutation signals with a motor's rotor?
    • ⤷ What are the mounting tolerances for the hollow shaft on the MEH66 series?