Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MEH68XAD-R

  • AI
    The **MEH68XAD-R** is a high-performance, magnetic absolute rotary encoder typically used in industrial automation, robotics, and motor feedback systems. It is designed to provide precise position data even in harsh environments. --- ## 1. Core Technical Specifications The electronics of the MEH68XAD-R are centered around magnetic sensing technology. Unlike optical encoders that use light and glass discs, this model uses a permanent magnet and a sensor array. | Parameter | Specification (Typical) | | :--- | :--- | | **Sensing Method** | Magnetic Absolute | | **Outer Diameter** | 68 mm | | **Resolution** | Up to 17-bit (Single-turn) / 16-bit (Multi-turn) | | **Supply Voltage** | 5V DC or 10-30V DC (Model dependent) | | **Output Interface** | SSI (Synchronous Serial Interface) or BiSS-C | | **Operating Temp** | -40°C to +85°C | --- ## 2. Key Electronic Components ### A. Magnetic Sensor Array (Hall Effect / AMR) The heart of the unit is a specialized Integrated Circuit (IC) that detects the orientation of a magnetic field. * **Function:** As the shaft rotates, the magnet attached to it changes the magnetic flux direction. The sensors convert this angular change into electrical sine/cosine signals. * **Benefit:** Immune to dust, oil, and vibration, which would typically blind an optical encoder. ### B. Signal Processing & Interpolation Unit Because the raw magnetic signal is analog, the internal electronics include an **Interpolation ASIC**. * It digitizes the analog signals into high-resolution counts. * It performs error compensation for magnet misalignment or temperature drift. ### C. Communication Interface (SSI/BiSS) The "AD" in the suffix often denotes the digital communication protocol used to send data to the PLC or Controller. * **SSI (Synchronous Serial Interface):** A point-to-point serial protocol that ensures reliable data transmission over long distances. * **Drivers:** Utilizes RS-422/485 differential signaling to minimize electromagnetic interference (EMI). --- ## 3. Electronic Protection Features To survive industrial "noisy" electrical environments, the internal PCB includes: 1. **Reverse Polarity Protection:** Prevents damage if the power supply wires are crossed. 2. **TVS Diodes:** Protects against voltage spikes and Electrostatic Discharge (ESD). 3. **Shielding:** The metal housing acts as a Faraday cage to protect the sensitive internal CMOS chips from external EMI. --- ## 4. Typical Wiring Pinout *Note: Always refer to the specific datasheet provided with your hardware unit as colors may vary.* | Wire Color | Signal | Description | | :--- | :--- | :--- | | Brown | Vcc | Positive Power Supply | | White | GND | 0V / Ground | | Green | Clock + | SSI Clock Input (Positive) | | Yellow | Clock - | SSI Clock Input (Negative) | | Grey | Data + | SSI Data Output (Positive) | | Pink | Data - | SSI Data Output (Negative) |
    ✨ Follow-up Questions
    • ⤷What is the difference between the SSI and BiSS-C output versions for this encoder?
    • ⤷ How do I troubleshoot a 'No Signal' error on an MEH68XAD-R?
    • ⤷ Can this encoder be used in high-vibration CNC environments?