AI

The **MF1303T-R10** is an electronic component primarily categorized as a **Surface Mount Device (SMD) Power Inductor**. It is commonly utilized in power management circuits for consumer electronics, automotive applications, and industrial power supplies.
---
## 1. Technical Specifications
The following table highlights the primary electrical and physical characteristics of the MF1303T-R10:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.10 µH (100 nH) |
| **Tolerance** | ±20% (M) or ±30% |
| **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) |
| **Saturation Current (Isat)** | High (often > 20A - 40A depending on series) |
| **Temperature Range** | -40°C to +125°C |
| **Package Size** | 1303 (approx. 13mm x 13mm footprint) |
---
## 2. Key Electronic Features
* **High Current Capability:** Designed to handle significant current loads without saturating the magnetic core, which is critical for high-performance processors and GPUs.
* **Low DCR:** The use of flat wire or high-conductivity copper minimizes energy loss (heat) during operation, increasing overall power efficiency.
* **Shielded Construction:** Most inductors in this series are magnetically shielded to reduce Electromagnetic Interference (EMI) with neighboring components.
* **Composite Core Material:** Typically uses a metal alloy powder core, which provides a "soft" saturation characteristic compared to traditional ferrite cores.
---
## 3. Circuit Application
In an electronic circuit, the MF1303T-R10 acts as a filter or energy storage element. It is most frequently found in:
1. **Buck Converters (Step-down):** Converting high voltage (e.g., 12V) to low voltage (e.g., 1.2V) for CPU/GPU cores.
2. **Voltage Regulator Modules (VRM):** Found on motherboards and server cards.
3. **DC-DC Converters:** Providing stable power in battery-operated devices.
### Example Schematic Implementation
```python
# Simplified Logic of a Buck Converter using the Inductor
Input_Voltage (Vin) -> Switching_MOSFET -> Inductor (MF1303T-R10) -> Output_Capacitor -> Vout (Stable)
```
---
## 4. Part Number Breakdown
While manufacturer coding can vary slightly (e.g., Maglayers, Microgate, or Coilcraft equivalents), the nomenclature usually follows this logic:
* **MF:** Series code (e.g., Metal Molding Inductor).
* **1303:** Dimensions (13mm x 13mm approx).
* **T:** Packaging (e.g., Tape and Reel).
* **R10:** Inductance value ($R10 = 0.10\mu H$).
- ⤷
What is the saturation current rating for the MF1303T-R10?
- ⤷ How does a metal alloy core differ from a ferrite core in this inductor?
- ⤷ What are the recommended soldering profiles for this SMD package?