MF1303T-R39
AI

The **MF1303T-R39** is a high-performance **Surface Mount Power Inductor**, commonly used in DC-DC converters and high-current power supply modules. It belongs to a category of molded powder inductors known for their high saturation currents and compact footprints.
---
### 1. Key Technical Specifications
Below are the typical electrical and physical characteristics of the R39 variant:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.39 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~1.5 mΩ (Typical) |
| **Saturation Current (Isat)** | ~25A - 30A (Depending on temp rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Case Size** | Approx. 13mm x 13mm (1303 Series) |
---
### 2. Physical Construction
The "MF" series usually denotes a **Molded Metal Composite** construction. This design offers several advantages over traditional ferrite core inductors:
* **Magnetic Shielding:** The magnetic powder core surrounds the coil, minimizing Electromagnetic Interference (EMI).
* **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when over-currented, metal composite cores have a gradual saturation curve.
* **Acoustic Noise Reduction:** The molded structure reduces "coil whine" caused by magnetostriction.
---
### 3. Part Number Breakdown
While naming conventions vary slightly by manufacturer (such as Cyntec or Mag.Layers), the code generally follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **MF** | Series code (Metal Alloy / Molded Flat wire) |
| **1303** | Dimensions (approx. 13.5mm x 12.5mm, height ~3.5mm) |
| **T** | Packaging (Tape and Reel) |
| **R39** | Inductance value (0.39 µH) |
---
### 4. Common Applications
Due to its low DCR and high current handling, this part is ideal for:
* **Voltage Regulator Modules (VRM):** Powering CPUs and GPUs in servers or high-end PCs.
* **Point of Load (POL) Converters:** Distributed power systems in telecommunications.
* **Battery Powered Systems:** High-efficiency buck converters in portable electronics.
---
### 5. Footprint Example (Generic SMD)
If you are designing a PCB, the layout usually requires large copper pads to handle the heat and current:
```c
// Layout Hint (Not actual code)
Pad_Width: 5.0mm
Gap_Between_Pads: 7.0mm
Overall_Length: 13.8mm
```
- ⤷What is the difference between soft saturation and hard saturation in inductors?
- ⤷ How does the DCR affect the efficiency of a power supply?
- ⤷ Can I replace an R39 inductor with a 1R0 (1.0uH) inductor in the same circuit?