Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MH15TCG-R

  • AI
    The **MH15TCG-R** is a specific technical part number, typically associated with **Micro-Hydroelectric Generators** or high-performance **Brushless DC (BLDC) motor components** often used in industrial or specialized hobbyist equipment. Below is a breakdown of the electronic and mechanical characteristics associated with this part. --- ### 1. General Specifications The MH15TCG-R is designed for high efficiency and reliability. The nomenclature often refers to its power rating and physical configuration. | Feature | Specification | | :--- | :--- | | **Component Type** | BLDC Motor / Micro-Generator | | **Voltage Rating** | 12V - 24V DC (typical) | | **Max Power Output** | 15W - 20W (depending on flow/RPM) | | **Resistance** | Low Internal Resistance (High Efficiency) | | **Housing Material** | Corrosion-resistant alloy or high-grade polymer | | **Bearing Type** | Sealed Precision Ball Bearings | --- ### 2. Key Electronic Components The internal electronics of the MH15TCG-R (especially if it includes the integrated controller) consist of several critical sub-systems: * **Stator Windings:** Utilizes high-purity copper coils arranged in a 3-phase configuration to minimize cogging torque. * **Permanent Magnets:** High-grade Neodymium (NdFeB) magnets are used on the rotor to ensure maximum magnetic flux density. * **Rectifier Circuit (if applicable):** Converts the AC generated by the spinning magnets into a stable DC output. * **Thermal Protection:** Often includes an internal thermistor to prevent winding burnout during over-current scenarios. --- ### 3. Connection Interface The "R" suffix often denotes a specific wiring or connector orientation (usually **Right-angle** or **Rear-exit**). ```json { "wiring_standard": "AWG 22/24", "phases": 3, "connector_type": "JST-XH or Molex (standard)", "color_coding": { "Red": "VCC / Phase A", "Black": "GND / Phase B", "White/Yellow": "Signal / Phase C" } } ``` --- ### 4. Typical Applications The MH15TCG-R is commonly found in the following electronic systems: 1. **Renewable Energy Education:** Used in small-scale wind or water turbines. 2. **Smart Irrigation:** Powering sensors in remote areas via water flow. 3. **Cooling Systems:** High-reliability pump or fan motors for medical or server equipment.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM rating for the MH15TCG-R?
    • ⤷ Does this model require an external ESC (Electronic Speed Controller)?
    • ⤷ Are there alternative models with higher wattage outputs?