MH25FAD-R
AI

The **MH25FAD-R** is an ultra-small, surface-mount (SMD) magnetic sensor based on the **Hall Effect** technology. It is primarily used in consumer electronics for non-contact switch applications.
---
## 1. Technical Specifications
The following table summarizes the key electronic parameters of the MH25FAD-R:
| Parameter | Value | Unit |
| :--- | :--- | :--- |
| **Supply Voltage (Vcc)** | 1.65 to 3.5 | V |
| **Average Supply Current** | 1.5 to 3.0 | μA |
| **Magnetic Type** | Omnipolar | - |
| **Output Type** | Push-Pull | - |
| **Package** | DFN1216-4 / SOT-543 | - |
| **Operating Temperature** | -40 to +85 | °C |
---
## 2. Core Electronic Features
### A. Omnipolar Operation
Unlike unipolar sensors that require a specific pole (North or South), the MH25FAD-R is **Omnipolar**. This means the sensor output will switch "Low" when it detects either a sufficiently strong North OR South pole. This simplifies assembly because the magnet orientation does not matter.
### B. Ultra-Low Power Consumption
The "FAD" variant is designed for battery-operated devices. It uses a **clocked internal logic** system:
1. The device "wakes up" for a very short duration (microseconds) to sample the magnetic field.
2. It then enters a "sleep" mode for the remainder of the cycle.
3. This results in an average current draw of only a few microamps, extending battery life significantly.
### C. Push-Pull Output
The output stage is a Push-Pull configuration.
* **Benefit:** It does not require an external pull-up resistor (unlike Open-Drain sensors), which saves board space and further reduces power consumption.
---
## 3. Typical Pin Configuration
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VDD** | Power Supply Input |
| 2 | **OUT** | Digital Output (High/Low) |
| 3 | **NC** | No Connection |
| 4 | **GND** | Ground |
---
## 4. Common Applications
Due to its tiny footprint and low power needs, it is commonly found in:
* **Smartphones & Tablets:** Detecting flip-cover closure.
* **Laptops:** Lid open/close sensing (Sleep mode trigger).
* **Wearables:** Magnetic charging docking detection or button replacement.
* **Smart Meters:** Detecting tampering via external magnets.
- ⤷
What is the difference between Omnipolar and Bipolar Hall effect sensors?
- ⤷
How do I calculate the battery life for a circuit using the MH25FAD-R?
- ⤷
Can you provide a typical application circuit diagram for this sensor?