Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MH28FAG-R

  • AI
    The **MH28FAG-R** is an electronic component primarily classified as an **Optical Fiber Transmitter** (specifically a transmitting module for digital audio). It is commonly used in high-fidelity audio equipment for Toslink-style optical connections. --- ## 1. Technical Specifications Below is a summary of the core electronic characteristics of the MH28FAG-R: | Parameter | Specification / Range | | :--- | :--- | | **Component Type** | Optical Fiber Transmitter (LED-based) | | **Operating Voltage (Vcc)** | Typically +3.0V to +5.0V | | **Input Signal** | TTL Level (Transistor-Transistor Logic) | | **Data Rate** | Up to 16 Mbps (standard for high-res audio) | | **Peak Wavelength** | 660 nm (Red Light) | | **Transmission Distance** | Up to 5 meters (using standard plastic optical fiber) | | **Power Consumption** | Low (approx. 5-10 mA during transmission) | --- ## 2. Pin Configuration The device typically features a 3-pin layout designed for through-hole mounting on a PCB: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **GND** | Ground (0V) | | 2 | **Vcc** | Power Supply Input | | 3 | **Vin** | Digital Data Input (TTL) | --- ## 3. Core Working Principle The MH28FAG-R functions as a **media converter**: 1. **Input:** It receives a digital electrical signal (usually in S/PDIF format) at the `Vin` pin. 2. **Conversion:** An internal driver circuit modulates a high-speed Red LED based on the electrical pulses. 3. **Output:** The LED emits light pulses into a fiber optic cable. Because it uses light instead of copper wires, it is immune to electromagnetic interference (EMI) and prevents ground loops between audio devices. --- ## 4. Common Applications This part is standard in consumer electronics involving digital audio transmission: * **AV Receivers:** Providing the "Optical Out" port. * **TVs/Smart Displays:** Sending audio to external soundbars. * **Sound Cards:** High-end PC audio interfaces. * **Game Consoles:** Digital audio output for surround sound systems. --- ## 5. Circuit Design Considerations When integrating the MH28FAG-R into a circuit, keep the following in mind: * **Decoupling:** Place a 0.1µF ceramic capacitor as close as possible to the Vcc and GND pins to reduce power supply noise. * **Resistor Protection:** Sometimes a series resistor is recommended on the Vin line to limit current, depending on the driving IC's voltage levels. * **Shutter Mechanism:** The "R" in the part number often denotes the physical housing style, which usually includes a protective dust shutter or a specific connector orientation.
    ✨ Follow-up Questions
    • ⤷What is the difference between a transmitter like MH28FAG-R and a receiver module?
    • ⤷ Can this component support 24-bit/192kHz high-resolution audio?
    • ⤷ What are the common failure symptoms of an optical transmitter module?