Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MH31FBG-R

  • AI
    ## Analysis of the MH31FBG-R The **MH31FBG-R** is a specific type of **Magnetic Hall Effect Sensor**, typically utilized in brushless DC (BLDC) motor control, speed sensing, and position detection applications. It belongs to the family of high-sensitivity unipolar Hall switches. --- ### 1. Technical Specifications The following table outlines the primary electrical characteristics of the MH31FBG-R: | Parameter | Value / Range | | :--- | :--- | | **Supply Voltage (Vcc)** | 3.0V to 24V | | **Output Current** | 25mA (Maximum) | | **Operating Temperature** | -40°C to +125°C | | **Magnetic Type** | Unipolar (Responds to a single pole) | | **Package Type** | SOT-23 (Surface Mount) | | **Output Type** | Open-Collector (Requires pull-up resistor) | --- ### 2. Core Electronic Components & Architecture The MH31FBG-R is an integrated circuit (IC) that contains several internal functional blocks: 1. **Hall Element:** The transducer that converts the magnetic field into a micro-voltage via the Hall effect. 2. **Voltage Regulator:** Allows the chip to operate across a wide range of supply voltages (3V-24V) while maintaining internal stability. 3. **Chopper-Stabilized Amplifier:** Minimizes offset voltage and temperature-induced drift, ensuring high sensitivity and accuracy. 4. **Schmitt Trigger:** Provides hysteresis, preventing "chattering" or multiple transitions when the magnetic field is near the threshold. 5. **Open-Drain Output Stage:** Acts as a switch. When the magnetic flux density exceeds the operate point ($B_{op}$), the output pulls to Ground. --- ### 3. Application Circuits Since the device features an **Open-Drain (or Open-Collector)** output, a circuit designer must include a pull-up resistor to interface with a Microcontroller (MCU). #### Typical Wiring Diagram ```text [ Vcc (3-24V) ] --------+------- [ Pin 1: Vcc ] | [ Pull-up Resistor ] | [ MCU GPIO / Sig ] <----+------- [ Pin 3: Vout ] [ GND ] ------------------------- [ Pin 2: GND ] ``` --- ### 4. Key Features * **High Sensitivity:** Capable of detecting weak magnetic fields. * **Solid State Reliability:** No moving parts, leading to an extremely long operational life compared to mechanical reed switches. * **Temperature Stability:** The "R" suffix often denotes a specific temperature rating or RoHS compliance, ensuring performance in harsh automotive or industrial environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the typical value for the pull-up resistor used with this sensor?
    • ⤷ How does a unipolar Hall sensor differ from an omnipolar or bipolar sensor?
    • ⤷ What are the specific Bop and Brp (magnetic switch points) for the MH31FBG-R?