MH53FBG-R
AI

The **MH53FBG-R** is a specific electronic component typically identified as a **Hall Effect Sensor IC**, often manufactured by companies like Mitsumi. It is primarily used for non-contact position sensing, speed detection, and switching in consumer electronics.
---
## 1. Technical Specifications
The following table outlines the general electronic characteristics of the MH53FBG-R:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Hall Effect IC (Unipolar/Bipolar) |
| **Operating Voltage** | 2.4V to 6.0V DC |
| **Output Type** | Open Collector (requires pull-up resistor) |
| **Magnetic Sensitivity** | High Sensitivity (Low Gauss threshold) |
| **Package Type** | SOT-23 or similar surface-mount package |
| **Current Consumption** | Low power (typically < 5mA) |
---
## 2. Key Electronic Features
* **Magnetoelectric Conversion:** It converts magnetic flux density into an electrical signal. When a magnetic field of sufficient strength approaches the sensor, the output voltage drops (Active Low).
* **Internal Circuitry:**
* **Hall Element:** The core sensing material.
* **Amplifier:** Boosts the weak Hall voltage.
* **Schmitt Trigger:** Provides hysteresis to prevent "chatter" or noise at the switching threshold.
* **Output Driver:** An NPN transistor that acts as a switch.
* **Temperature Stability:** Designed to maintain consistent magnetic trigger points across a wide temperature range.
---
## 3. Pin Configuration & Application
The device typically follows a standard 3-pin configuration for surface-mount Hall sensors:
1. **VDD:** Power Supply Input.
2. **GND:** System Ground.
3. **OUT:** Signal Output (connects to a Microcontroller or Relay).
### Common Applications
* **Smart Covers:** Detecting the opening/closing of laptop lids or tablet covers.
* **Brushless DC Motors (BLDC):** Providing rotor position feedback.
* **Rotary Encoders:** Counting revolutions in knobs or mechanical wheels.
* **Proximity Sensing:** Detecting the presence of a magnetic part in automated machinery.
---
## 4. Usage Precautions
* **Pull-up Resistor:** Since the output is Open Collector, you must place a resistor (usually 10kΩ) between the **OUT** pin and **VDD** to read a logic high signal.
* **Magnetic Polarity:** Depending on whether it is Unipolar or Bipolar, the sensor may only respond to the South pole of a magnet. Ensure the magnet orientation matches the sensor face.
- ⤷
What is the difference between unipolar and bipolar Hall effect sensors?
- ⤷ How do I calculate the pull-up resistor value for an open collector output?
- ⤷ Can the MH53FBG-R be used in automotive environments?