Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MH53FDG-R

  • AI
    The **MH53FDG-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Unit**. These components are fundamental in electronics for providing a stable resonant frequency to clock microprocessors and manage timing in digital circuits. --- ## 1. Core Technical Specifications The "MH" series is often associated with high-precision crystal resonators. Below are the typical characteristics associated with this part number: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Quartz Crystal Resonator | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | Often 5.0 x 3.2 mm or 3.2 x 2.5 mm | | **Frequency Stability** | ±10ppm to ±50ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Load Capacitance** | Generally 8pF, 10pF, or 12pF | | **RoHS Status** | Compliant (Lead-Free) | --- ## 2. Part Number Breakdown While nomenclature varies slightly by manufacturer (such as Megacrystal or Hosonic), the code generally follows this logic: * **MH**: Series prefix (Metal Housing or Miniature High-precision). * **53**: Often refers to the physical dimensions (e.g., 5.0mm x 3.2mm). * **FDG**: Internal manufacturer codes for frequency tolerance and temperature range. * **R**: Generally indicates **Tape & Reel** packaging for automated assembly. --- ## 3. Key Electronic Functions The MH53FDG-R serves three primary roles within a circuit: 1. **Frequency Generation**: It works with an internal oscillator circuit (in an MCU) to create a steady square or sine wave. 2. **Timing Accuracy**: It ensures that data transmission (UART, SPI, USB) occurs at the correct bit rate. 3. **Stability**: Unlike ceramic resonators, quartz crystals like the MH53FDG-R offer superior stability against temperature fluctuations. --- ## 4. Typical Application Circuit In a standard PCB layout, the crystal is connected to the `OSC_IN` and `OSC_OUT` pins of a microcontroller, supported by two load capacitors ($C_1, C_2$). ```cpp // Example: Schematic Logic [MCU_OSC_IN] ----+---- [Crystal MH53FDG-R] ----+---- [MCU_OSC_OUT] | | [C1] [C2] | | (GND) (GND) ``` --- ## 5. Usage Areas * **IoT Devices**: Low power consumption and small footprint. * **Automotive Electronics**: High vibration resistance and temperature stability. * **Consumer Electronics**: Used in tablets, smartwatches, and wireless modules.
    ✨ Follow-up Questions
    • ⤷ What is the exact resonant frequency of the MH53FDG-R variant you are using?
    • ⤷ How do you calculate the correct load capacitors for this crystal?
    • ⤷ Are there equivalent alternatives from brands like Epson or TXC?