Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MH55TCG-R

  • AI
    The **MH55TCG-R** is a specific technical model identifier typically associated with **TOSHIBA** high-capacity enterprise Hard Disk Drives (HDDs), specifically within the **MG08/MG09 Series** lineage. This particular part number often refers to a 14TB to 18TB Helium-sealed enterprise drive. Below is an explanation of its electronic components and architectural design. --- ## 1. Core Electronic Components The PCB (Printed Circuit Board) of this drive contains several critical Integrated Circuits (ICs) that manage data flow and mechanical precision. | Component | Function | Description | | :--- | :--- | :--- | | **Main Controller (SoC)** | Data Processing | Usually a Marvell or proprietary Toshiba chip that handles SATA/SAS protocols and ECC (Error Correction Code). | | **DRAM Cache** | Buffering | Typically 512MB of DDR4 RAM to speed up read/write operations and command queuing. | | **Motor Controller IC** | Physical Motion | Controls the Spindle Motor (RPM) and the Voice Coil Motor (VCM) for head positioning. | | **Flash Memory (ROM)** | Firmware Storage | A small serial flash chip that stores the drive's unique adaptive parameters and boot firmware. | | **Shock Sensors** | Environmental Protection | Detects rotational vibration (RV) to adjust head positioning in multi-drive rack environments. | --- ## 2. Technical Specifications As an enterprise-grade part, the electronic design focuses on 24/7 reliability and high-density storage. ### Physical & Interface Logic * **Interface:** SATA 6.0 Gbit/s. * **Form Factor:** 3.5-inch. * **Sector Format:** 4Kn or 512e (Advanced Format). * **Rotational Speed:** 7,200 RPM. ### Advanced Features 1. **Helium-Sealed Technology:** The enclosure is laser-sealed and filled with Helium. Electronics include internal pressure and temperature sensors to monitor the integrity of the seal. 2. **Persistent Write Cache (PWC):** Uses a small amount of non-volatile energy to protect data in the event of a sudden power loss (PLP - Power Loss Protection). 3. **Two-Stage Actuator:** The electronics control a primary and secondary actuator for micro-precise head positioning over extremely dense data tracks. --- ## 3. Power Requirements The electronic board manages power distribution via two main rails: ```yaml Power_Consumption: Idle_Mode: Approximately 4.0W to 4.5W Active_Read_Write: Approximately 8.5W Voltage_Tolerance: +/- 5% (5V) and +/- 10% (12V) ``` --- ## 4. Maintenance & Data Recovery Note If the electronics (PCB) fail, the drive will not spin up. However, due to the **Flash Memory (ROM)** containing "adaptive data" specific to the internal alignment of the heads, a simple PCB swap is usually not possible without transferring the ROM chip from the original board to the donor board.
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity associated with the MH55TCG-R suffix?
    • ⤷ How does the Helium seal affect the electronic longevity of this drive?
    • ⤷ What are the common failure symptoms for the PCB on this specific Toshiba model?