Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MH74TDG-R

  • AI
    ## Overview of the MH74TDG-R The **MH74TDG-R** is a specific model of an **Ignition Transformer** (Electronic Ignitor), primarily used in industrial and commercial combustion systems. It is manufactured by **Honeywell** (specifically within their Satronic/Honeywell Thermal Solutions division). This device is designed to provide a high-voltage spark to ignite gas or oil burners in heating systems or industrial furnaces. --- ### Technical Specifications The following table outlines the core electronic and operational characteristics of the MH74TDG-R: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 220V - 240V AC | | **Input Frequency** | 50 / 60 Hz | | **Output Voltage** | ~15 kV (Peak) | | **Output Current** | ~25 mA | | **Duty Cycle** | Intermittent (typically 33% over 3 minutes) | | **Connection Type** | Plug-in / Screw terminals (depending on housing) | | **Ignition Type** | Single-pole or Double-pole (Model dependent) | --- ### Key Electronic Components & Internal Logic The MH74TDG-R operates on solid-state electronic principles rather than traditional heavy iron-core transformers. 1. **EMI Filter:** * Located at the input stage to prevent electromagnetic interference from leaking back into the power grid, protecting nearby sensors and controllers. 2. **Rectifier and Capacitor Bank:** * Converts AC input to DC and stores energy to be discharged rapidly. 3. **Electronic Switching (Thyristor/Triac):** * Replaces mechanical points. It triggers the discharge of the stored energy into the primary coil of the high-frequency transformer. 4. **High-Frequency Step-Up Transformer:** * A compact ferrite-core transformer that boosts the voltage to the kilovolt range necessary to jump the air gap of the ignition electrode. 5. **Protection Circuitry:** * Includes thermal protection to prevent the unit from burning out if the burner fails to ignite and the unit stays energized too long. --- ### Operational Safety Warnings * **High Voltage:** The output generates upwards of **15,000 Volts**. Never touch the ignition leads while the unit is powered. * **Radio Interference:** Because it operates at high frequencies, ensure the ignition cables are kept as short as possible and away from sensitive flame sensor wires (like UV or Ionization probes) to avoid signal "noise." * **Mounting:** The base must be properly grounded (earthed) to ensure the return path for the spark is safe and doesn't damage the burner controller. ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the MH74TDG-R ignitor?
    • ⤷ Can this unit be used for continuous ignition applications?
    • ⤷ How do I test the secondary winding output safely?