MHO+17FDG-R
AI

The **MHO+17FDG-R** is a specific model within a series of high-power, metal-clad wirewound resistors. These components are designed for industrial applications requiring high power dissipation, stability, and durability in harsh environments.
---
## 1. Technical Specifications
The following table summarizes the primary electronic characteristics of the MHO series, specifically focusing on the 17FDG-R configuration.
| Feature | Specification |
| :--- | :--- |
| **Power Rating** | Typically 10W - 50W (depending on mounting) |
| **Resistance Tolerance** | ±1%, ±5%, or ±10% |
| **Housing Material** | Anodized Aluminum (Metal Clad) |
| **Construction** | Wirewound on Ceramic Core |
| **Termination Style** | Radial Leads / Solder Lugs (FDG Design) |
| **RoHS Compliant** | Yes (-R suffix) |
---
## 2. Breakdown of the Model Code
The nomenclature used in electronic components provides specific data about the part's build:
* **MHO:** Identifies the series (Metal-clad High-power Oxide/Wirewound).
* **17:** Refers to the physical size or wattage classification.
* **FDG:** Indicates the terminal type and lead configuration (often signifying radial or fast-on type connectors).
* **-R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
## 3. Key Electronic Components & Materials
The internal architecture of the MHO+17FDG-R is engineered for heat management:
### Internal Core
The resistive element consists of a **Nicrome (Nickel-Chromium) wire** wound around a high-purity ceramic core. This allows for high precision and stability under high temperatures.
### Encapsulation
The internal assembly is encapsulated in a high-thermal-conductivity molding compound, then encased in an **Anodized Aluminum housing**. The gold or silver fins on the housing act as a heat sink to dissipate thermal energy into the air or a chassis.
### Lead Configuration
The **FDG** designation usually implies specialized terminals. Unlike standard axial leads, these are designed to handle higher current loads without overheating the solder joints.
---
## 4. Typical Applications
These resistors are not found in consumer smartphones; they are used in "heavy-duty" electronics:
1. **Motor Control:** Used for dynamic braking and current sensing.
2. **Power Supplies:** Acts as a "bleeder" resistor to discharge large capacitors safely.
3. **LED Lighting:** Used as a load resistor to prevent hyper-flashing in automotive LED conversions.
4. **Industrial Machinery:** Used in heating elements or voltage dividers in high-voltage circuits.
---
- ⤷What is the maximum operating temperature for the MHO series resistors?
- ⤷ How does chassis mounting affect the power rating of the 17FDG-R?
- ⤷ Can this resistor be used in high-frequency pulse applications?