Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MHO+23TFG-R

  • AI
    The **MHO+23TFG-R** is a specific model of a **Quartz Crystal Oscillator**, typically used as a high-precision clock source for digital circuits. These components are essential for providing a stable frequency reference in timing-sensitive electronics. --- ## Technical Specifications The table below outlines the core electronic characteristics of the MHO series (based on standard industry specifications for this part number): | Feature | Specification | Details | | :--- | :--- | :--- | | **Type** | Crystal Oscillator (XO) | Active component (requires power) | | **Package Style** | 14-pin DIP (Full size) | Metal "can" package for through-hole mounting | | **Standard Frequency** | Varies (e.g., 1.0MHz to 100MHz) | Determined by the internal quartz cut | | **Output Type** | HCMOS / TTL | Compatible with logic-level circuits | | **Supply Voltage (Vcc)** | +5.0V (Standard) | Common for older or industrial logic | | **Operating Temp** | -40°C to +85°C | Industrial grade (indicated by 'T') | | **Stability** | ±50ppm or ±100ppm | Frequency variance over temperature/time | --- ## Part Number Breakdown While nomenclature can vary slightly by manufacturer (such as MtronPTI), the suffixing usually indicates the following: ### 1. "MHO" Prefix Indicates the product series, typically a **Metal Hermetic Oscillator**. The metal casing provides shielding against Electromagnetic Interference (EMI) and environmental protection. ### 2. "23" Configuration This usually refers to the internal architecture and pinout configuration (Full-size 14-pin DIP, though only 4 pins are electrically active: Vcc, Ground, Output, and Case/NC). ### 3. "T" - Temperature Grade The "T" signifies that this part is rated for an **extended temperature range**, making it suitable for industrial applications rather than just consumer electronics. ### 4. "FG" - Lead-free / RoHS "FG" often denotes that the part is **RoHS Compliant** (Lead-Free) and "Green," meeting modern environmental safety standards for electronic components. ### 5. "-R" - Packaging/Revision The "-R" suffix usually denotes **RoHS compliance** (Redundant check) or that the part is shipped in specific industrial packaging (like tubes). --- ## Common Applications * **Microcontrollers:** Providing the external clock source for CPUs. * **Networking Gear:** Syncing data transmission in switches or routers. * **Industrial Control:** Used in PLCs (Programmable Logic Controllers) where temperature stability is required. * **Legacy Hardware:** Maintenance and repair of older computing equipment using through-hole DIP components.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for a standard 14-pin DIP oscillator like the MHO+23TFG-R?
    • ⤷ Can this oscillator be used in a 3.3V circuit if it is rated for 5V?
    • ⤷ What is the difference between an 'active' oscillator and a 'passive' crystal?