MHO+43FGG-R
AI

The **MHO+43FGG-R** (often associated with high-precision crystal oscillators or specific RF components) typically refers to a **Thru-Hole Crystal Oscillator** manufactured by companies like MtronPTI. These components are designed for high stability and reliability in telecommunications and industrial equipment.
### 1. Technical Specifications
The part number usually breaks down into specific physical and electrical characteristics. Below are the typical parameters for this series:
| Parameter | Specification |
| :--- | :--- |
| **Package Type** | 14-pin Dip (Full Size) / 4-pin active |
| **Output Type** | CMOS / TTL |
| **Frequency Stability** | ±25ppm to ±100ppm (depending on suffix) |
| **Operating Voltage** | 5.0V (Standard for "MHO" series) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Mounting Type** | Through-Hole |
---
### 2. Key Components & Construction
The internal architecture of this electronic part consists of three primary stages:
1. **Quartz Crystal Blank:** A precision-cut quartz wafer that determines the fundamental frequency of the device via the piezoelectric effect.
2. **Oscillator IC:** A low-noise integrated circuit that provides the necessary gain to maintain oscillation and converts the analog sine wave into a digital square wave (CMOS/TTL).
3. **Bypass Capacitance:** Internal ceramic capacitors used to stabilize the power supply rail and reduce electromagnetic interference (EMI).
---
### 3. Pin Configuration (Typical)
For a standard 4-pin configuration within the 14-pin DIP footprint:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / E/D | No Connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | Frequency Output Signal |
| **14** | Vcc | Supply Voltage (+5.0V) |
---
### 4. Applications
Due to its high stability and through-hole design, the **MHO+43FGG-R** is commonly used in:
* **Legacy Networking:** Routers and switches requiring a stable clock source.
* **Industrial Controllers:** PLC systems where mechanical robustness is needed.
* **RF Equipment:** Local oscillators for frequency synthesis.
* **Prototyping:** Preferred for breadboarding and manual PCB assembly due to the DIP package.
- ⤷
What is the exact frequency of your specific MHO+43FGG-R unit?
- ⤷ How does the 'Output Enable' function work on Pin 1?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole oscillator?