MHO+44FFG-R
AI

The **MHO+44FFG-R** is a specific part number typically associated with a **Precision Crystal Oscillator**. It is manufactured by MtronPTI (MHO series). These components are critical in electronic circuits for providing a stable clock signal or frequency reference.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the MHO series, here are the likely technical characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Style** | 14-pin DIP (Full Size) / 4-pin active |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage** | 5.0V (Common for MHO series) |
| **Stability** | ±100ppm to ±25ppm (depending on suffix) |
| **Operating Temperature** | 0°C to +70°C (Standard Commercial) |
| **Frequency Range** | Usually 1.0 MHz to 100.0 MHz |
### 2. Breakdown of the Part Number
* **MHO:** Identifies the product series (Metal Thru-Hole, 5.0V, HC/TTL).
* **+:** Often indicates RoHS compliance (Lead-free).
* **44:** Typically refers to the frequency stability (e.g., ±25ppm or ±50ppm) and duty cycle.
* **F:** Frequency code or specific temperature range indicator.
* **G:** Symmetry/Output type code.
* **R:** Usually denotes "RoHS Compliant" or a specific revision.
---
### 3. Functional Pinout (14-pin DIP Package)
Although it has a 14-pin footprint, only 4 pins are physically active in these oscillators:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Case Ground |
| **8** | Output | The generated clock signal |
| **14** | +Vcc | Positive power supply (+5.0V) |
---
### 4. Common Applications
This electronic part is used in legacy and industrial equipment where space is available for through-hole components:
* **Microprocessor Clocks:** Providing the heartbeat for CPUs.
* **Telecommunications:** Timing for data transmission.
* **Industrial Control:** Synchronization of logic gates in PLC or control boards.
* **Embedded Systems:** Stable frequency source for UART/Serial communications.
---
### 5. Selection Considerations
When replacing or designing with this part, keep the following in mind:
1. **Supply Voltage:** Ensure your rail is exactly 5V, as many modern oscillators are 3.3V.
2. **Stability:** Check if your application requires high precision (low ppm) or if standard stability is sufficient.
3. **Termination:** Since it is a through-hole (DIP) part, ensure the PCB layout matches the 14-pin "full-size" oscillator footprint.
- ⤷
What is the specific frequency of your MHO+44FFG-R unit?
- ⤷ Do you need a modern surface-mount (SMD) equivalent for this part?
- ⤷ How does frequency stability (PPM) affect your circuit's performance?