Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MHO+45TFD-R

  • AI
    The **MHO+45TFD-R** is a high-precision, high-frequency **TCXO (Temperature Compensated Crystal Oscillator)** manufactured by MtronPTI. These components are critical in telecommunications and RF engineering where frequency stability across varying temperatures is paramount. --- ### 1. Technical Specifications Below is a breakdown of the key electronic characteristics typically associated with the MHO series, specifically the +45TFD-R variant: | Parameter | Specification (Typical) | |:---|:---| | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Package Style** | 14-pin DIP (Full Size) / 4-pin active | | **Output Type** | CMOS / TTL Compatible | | **Frequency Range** | Usually custom (varies by specific order, e.g., 10MHz to 150MHz) | | **Supply Voltage (Vcc)** | +5.0 VDC (indicated by the '5' in the naming convention) | | **Stability vs Temp** | ±1.0 ppm to ±2.5 ppm (standard range) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Compliance** | Yes ('R' suffix indicates RoHS compliant) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the specific electronic capabilities of this part: * **MHO:** Identifies the product series (MtronPTI High Stability Oscillators). * **+:** Often indicates specific positive voltage rails or a high-reliability screening. * **45:** This usually refers to the **Supply Voltage** (5.0V) and the **Stability** code. * **TFD:** * **T:** Temperature Range (Industrial: -40°C to +85°C). * **F:** Frequency Stability (e.g., ±1.5ppm or ±2.0ppm). * **D:** Duty Cycle / Output requirements (50% ± 10%). * **-R:** **RoHS Compliant**. This confirms the part is manufactured without lead (Pb) and other restricted hazardous substances. --- ### 3. Key Electronic Functions The MHO+45TFD-R performs several critical roles within a circuit: 1. **Temperature Compensation:** Unlike standard crystal oscillators (XO), the TCXO contains an internal compensation network that senses temperature changes and adjusts the voltage applied to the crystal to maintain a steady frequency. 2. **Clock Distribution:** It provides the "heartbeat" for microprocessors, FPGAs, and Digital Signal Processors (DSPs). 3. **Low Phase Noise:** Designed for RF applications to minimize "jitter," which is essential for clear signal modulation and demodulation. --- ### 4. Typical Applications Due to its high stability and through-hole (DIP) design, this part is commonly used in: * **Satellite Communications:** For precise timing in ground stations. * **Base Stations:** Maintaining synchronization in cellular networks. * **Test & Measurement:** Used in frequency counters and signal generators. * **Legacy Hardware:** The 14-pin DIP format is often used in industrial equipment and military-grade legacy systems.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for a standard 14-pin DIP TCXO like the MHO series?
    • ⤷ How does a TCXO differ from an OCXO in terms of power consumption?
    • ⤷ What are the common alternatives to the MtronPTI MHO series for modern SMD designs?