Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MHO+46FGD-R

  • AI
    The **MHO+46FGD-R** is a specific technical code typically associated with a high-performance **Mini PC motherboard** or a system-on-chip (SoC) integration, commonly found in devices produced by manufacturers like Morefine or Topton. It is based on the **AMD Ryzen 7 7840HS** or similar "Phoenix" architecture APUs. Below is a breakdown of the electronic components and architecture of this hardware: ### 1. Core Processor & Architecture At the heart of the MHO+46FGD-R is the APU (Accelerated Processing Unit). | Component | Specification | | :--- | :--- | | **CPU** | AMD Ryzen 7 7840HS (8 Cores, 16 Threads) | | **Architecture** | Zen 4 (4nm Process) | | **GPU** | AMD Radeon 780M (RDNA 3 architecture) | | **NPU** | Ryzen AI (integrated XDNA AI engine) | --- ### 2. Memory and Storage Interfaces The board utilizes high-speed SMD (Surface Mount Device) components to handle the bandwidth required by DDR5. * **RAM Slots:** 2x SO-DIMM slots supporting **DDR5-5600MHz**. This uses low-voltage differential signaling to reduce EMI. * **NVMe Interfaces:** Usually features 2x M.2 2280 PCIe Gen 4x4 slots. * **Power Management:** Uses dedicated VRMs (Voltage Regulator Modules) to convert 19V-20V DC input into the precise 1.1V - 1.3V required by the memory modules. --- ### 3. Power Delivery System (VRM) Because the 7840HS can pull up to 65W (TDP) or more under boost, the electronic power phase design is critical: * **Buck Converters:** Multi-phase synchronous buck converters are used to step down voltage. * **Solid Capacitors:** High-endurance polymer capacitors are used for filtering to ensure ripple-free DC power to the CPU. * **MOSFETs:** Low RDS(on) MOSFETs are employed to minimize heat generation during high current draws. --- ### 4. Connectivity & I/O Controllers The PCB integrates several peripheral controllers to handle external data: | Port Type | Controller / Specification | | :--- | :--- | | **USB4** | 40Gbps Type-C (Supports PD and DisplayPort Alt Mode) | | **Ethernet** | Dual Intel i226-V 2.5G Be Controllers | | **Wireless** | M.2 Key-E slot (typically Intel AX210 for Wi-Fi 6E/BT 5.3) | | **HDMI/DP** | HDMI 2.1 and DisplayPort 1.4 digital signal conversion chips | --- ### 5. Cooling Electronics The "R" in many of these suffixes refers to the revision or specific thermal assembly: * **Active Cooling:** A PWM-controlled 4-pin brushless DC fan. * **Thermal Sensors:** Multiple NTC thermistors placed near the VRMs and APU to provide real-time telemetry to the BIOS for thermal throttling management. ---
    ✨ Follow-up Questions
    • ⤷ What are the power requirements for the MHO+46FGD-R in terms of voltage and amperage?
    • ⤷ Does this board support ECC (Error Correction Code) memory?
    • ⤷ What is the maximum supported storage capacity for the NVMe slots?