MHO+57FAD-R
AI

The **MHO+57FAD-R** is a high-precision, high-frequency electronic component, specifically a **Voltage Controlled Crystal Oscillator (VCXO)** manufactured by **MtronPTI**.
These components are critical in telecommunications and networking hardware for maintaining precise timing and synchronization.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the MHO+57FAD-R:
| Parameter | Value / Description |
| :--- | :--- |
| **Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Style** | 14-pin DIP (Dual In-line Package) |
| **Supply Voltage ($V_{cc}$)** | +5.0 VDC |
| **Output Type** | HCMOS / TTL Compatible |
| **Frequency Range** | Typically used for high-frequency applications (check specific label for MHz) |
| **Pullability** | Varies by model, allows frequency adjustment via control voltage |
| **RoHS Status** | "R" suffix indicates RoHS Compliant |
---
## 2. Pin Configuration (Typical 14-Pin DIP)
Though it fits a 14-pin footprint, many pins are often omitted or not connected (NC) to save space or reduce interference.
1. **Pin 1 (Voltage Control):** Input voltage used to slightly adjust the output frequency.
2. **Pin 7 (Ground):** Connected to the system ground.
3. **Pin 8 (Output):** The generated clock signal (HCMOS/TTL).
4. **Pin 14 ($V_{cc}$):** +5.0V Power Supply.
---
## 3. Key Features and Applications
### Features
* **Stability:** High frequency stability over a wide temperature range.
* **Reliability:** Built to military/industrial standards for long-term consistency.
* **Tuning:** The "Voltage Control" feature allows the system to fine-tune the clock to match an external reference signal (Phase Locked Loop - PLL).
### Applications
* **Telecommunications:** Base stations, SONET/SDH clocks.
* **Networking:** Switches and routers requiring stable timing for data packets.
* **Instrumentation:** Signal generators and frequency synthesizers.
---
## 4. Breakdown of the Part Number
| Code | Meaning |
| :--- | :--- |
| **MHO** | Series designation for MtronPTI VCXOs |
| **+5** | Indicates +5.0V Operating Voltage |
| **7** | Temperature Stability/Operating Range code |
| **F** | Symmetry/Duty Cycle specification |
| **AD** | Frequency/Pullability specific code |
| **-R** | **RoHS Compliant** (Lead-free) |
- ⤷
What is the difference between a standard XO and a VCXO like the MHO+57FAD-R?
- ⤷ How do I calculate the 'pull range' for this specific oscillator?
- ⤷ What are the common failure modes for DIP-packaged crystal oscillators?