MHO+58FGG-R
AI

The **MHO+58FGG-R** belongs to a specific category of high-precision electronic components, typically classified as a **TCXO (Temperature Compensated Crystal Oscillator)** or a high-stability clock source, often manufactured by companies like MtronPTI.
---
## 1. Technical Specifications
Below are the typical technical parameters associated with this series of electronic parts:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (TCXO) |
| **Package Style** | Surface Mount Device (SMD) |
| **Output Type** | CMOS / TTL Compatible |
| **Nominal Frequency** | Fixed (Variable by specific sub-model) |
| **Voltage Supply** | Usually 3.3V or 5.0V |
| **Stability** | ±1.0ppm to ±5.0ppm (Temperature dependent) |
| **RoHS Status** | Compliant (Indicated by the '-R' suffix) |
---
## 2. Key Features
* **Temperature Compensation:** Unlike standard crystals, this part includes internal circuitry to compensate for frequency drifts caused by ambient temperature changes.
* **Low Phase Noise:** Designed for communication equipment where signal integrity and timing precision are critical.
* **Compact Footprint:** The "MHO" series typically utilizes a standardized miniature metal or ceramic package suitable for automated PCB assembly.
* **Reliability:** Built to withstand industrial temperature ranges (often -40°C to +85°C).
---
## 3. Part Number Breakdown (Nomenclature)
While naming conventions vary slightly by manufacturer, the code generally follows this logic:
1. **MHO:** Series identifier (High-stability Clock Oscillator).
2. **5:** Often denotes the input voltage (e.g., 5.0V) or a specific package size.
3. **8:** May represent the output logic type or temperature stability grade.
4. **FGG:** Internal manufacturer code for frequency stability and operating temperature range.
5. **-R:** **RoHS Compliant.** Indicates the part is lead-free and meets environmental regulations.
---
## 4. Typical Applications
These parts are used in precision timing circuits, including:
* **Telecommunications:** Base stations and small cells.
* **Networking:** High-speed routers and switches.
* **Test & Measurement:** Oscilloscopes and frequency counters.
* **GPS/GNSS:** Systems requiring tight synchronization with satellite signals.
- ⤷
What is the exact frequency of the MHO+58FGG-R in your specific application?
- ⤷ Do you need a comparison between TCXO and OCXO oscillators?
- ⤷ Are you looking for an equivalent replacement or cross-reference part?