Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MHO+64FGG-R

  • AI
    ## Technical Overview of MHO+64FGG-R The **MHO+64FGG-R** is a specific electronic component, typically categorized as a high-precision **TCXO (Temperature Compensated Crystal Oscillator)**. These parts are designed to provide a highly stable clock signal for electronic circuits, resisting frequency drifts caused by temperature changes. --- ### 1. Key Technical Specifications Based on standard nomenclature for the MHO series, here are the primary technical characteristics: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Package Type** | Surface Mount Device (SMD) | | **Output Frequency** | (Part specific, usually defined by the 64 suffix or custom factory set) | | **Stability** | ±0.5ppm to ±2.5ppm (depending on grade) | | **Supply Voltage** | 3.3V (Typical for 'G' series) | | **Output Logic** | CMOS / Clipped Sine Wave | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Components The internal electronics of the MHO+64FGG-R consist of three main stages: 1. **Quartz Crystal Blank:** The heart of the unit that vibrates at a specific frequency. 2. **Compensation Network:** A specialized integrated circuit (IC) containing a temperature sensor and a varactor diode. It adjusts the load capacitance to counteract the crystal's natural frequency shift over temperature. 3. **Output Buffer:** An amplifier stage that ensures the signal is strong enough to drive the rest of the PCB (Printed Circuit Board) without distorting the waveform. --- ### 3. Pin Configuration (Typical 4-Pin SMD) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Vcon / NC | Voltage Control (for VCTCXO) or No Connection | | **2** | GND | Ground / Case Ground | | **3** | Output | Clock Signal Output | | **4** | Vdd | Positive Power Supply (e.g., +3.3V) | --- ### 4. Applications Because of its high stability and compact form factor, this part is commonly found in: * **Telecommunications:** Base stations and small cells. * **GPS/GNSS Receivers:** Providing the precise timing needed for satellite trilateration. * **Networking Hardware:** High-speed routers and switches. * **IoT Devices:** Low-power wide-area network (LPWAN) modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency value for the 64FGG-R variant?
    • ⤷ Can this part be substituted with a standard XO (Crystal Oscillator) in a circuit?
    • ⤷ What are the soldering requirements for the SMD package of this TCXO?