Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MHO+65FDG-R

  • AI
    The **MHO+65FDG-R** is a specific model of a **High-Frequency Crystal Oscillator**, typically manufactured by companies like MtronPTI. These components are critical for providing stable timing signals in telecommunications, networking, and industrial computing. --- ### 1. Technical Specifications The part number can be broken down into specific electrical and mechanical attributes: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | Fixed frequency output using a quartz crystal. | | **Frequency Range** | High Frequency | Typically used for high-speed data clocks. | | **Package Style** | 14-pin DIP / Half-Size | Often a through-hole metallic package for EMI shielding. | | **Supply Voltage** | 5.0V or 3.3V | Standard logic level power supply. | | **Output Type** | HCMOS / TTL | Compatible with standard digital logic gates. | | **Termination** | -R (RoHS) | Lead-free and compliant with environmental standards. | --- ### 2. Key Electronic Characteristics #### A. Frequency Stability This part is designed to maintain a consistent frequency even when subjected to temperature fluctuations. The "65" in the model name often refers to a specific temperature range or stability rating (e.g., ±50ppm or ±100ppm). #### B. Waveform Characteristics * **Duty Cycle:** Usually 40/60% or 45/55%, ensuring the "on" time and "off" time of the clock signal are nearly equal. * **Rise/Fall Time:** Fast transition times (measured in nanoseconds) to prevent jitter in high-speed circuits. #### C. Pin Configuration (Typical 4-Pin Layout) Even though the package might resemble a 14-pin DIP, most oscillators only use 4 functional pins: 1. **NC or Tri-state:** No connection or Output Enable. 2. **GND:** Circuit ground. 3. **Output:** The actual clock signal. 4. **Vcc:** Positive power supply. --- ### 3. Common Applications Due to its reliability and "plug-and-play" nature, the MHO+65FDG-R is used in: * **Networking Gear:** Routers, switches, and modems. * **Industrial Controllers:** PLC units and timing for embedded systems. * **Legacy Hardware:** Maintenance of older computing systems requiring specific DIP-style oscillators. --- ### 4. Sample Integration Code (Logic Simulation) If you were simulating the input of this oscillator into a microcontroller (e.g., an Arduino or STM32), you would treat it as an external clock source: ```cpp // Pseudocode for configuring a microcontroller // to accept an external oscillator like MHO+65FDG-R void setup() { // 1. Disable internal RC oscillator // 2. Enable External Clock (EC) mode // 3. Configure the clock prescaler based on the MHO frequency ClockSystem::initExternal(EXTERNAL_OSC_INPUT); } ```
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of the MHO+65FDG-R model?
    • ⤷ Can this oscillator be used in surface-mount (SMD) applications?
    • ⤷ What are the alternatives if this specific model is obsolete?