MHO+68FBD-R
AI

The **MHO+68FBD-R** is a high-precision, high-frequency **TCXO (Temperature Compensated Crystal Oscillator)** manufactured by **MtronPTI**. This component is specifically designed for telecommunications and networking hardware where timing stability is critical.
---
## 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) |
| **Package Type** | 5x7 mm Surface Mount (SMD) |
| **Output Type** | HCMOS / TTL |
| **Standard Frequency** | Typically 38.88 MHz or 77.76 MHz (Varies by sub-code) |
| **Supply Voltage (Vcc)** | 3.3V (Standard for "B" series) |
| **Stability** | ±1.0 ppm to ±2.5 ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Lead-Free) |
---
## 2. Key Features
* **Temperature Compensation:** Unlike standard crystals, this part includes internal circuitry that adjusts the frequency based on ambient temperature, ensuring the clock signal remains stable.
* **Low Phase Noise:** Designed to minimize jitter, which is essential for high-speed data transmission.
* **Tri-state Function:** Includes an enable/disable pin (Pin 1) that allows the output to go into a high-impedance state, saving power when the clock is not needed.
* **Hermetically Sealed:** The 5x7mm ceramic package protects the quartz crystal from atmospheric moisture and pressure changes.
---
## 3. Pin Configuration (Typical 6-Pad Layout)
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or Vc | Enable/Disable or Voltage Control (depending on specific variant) |
| **2** | N/C | No Connection |
| **3** | GND | Circuit Ground |
| **4** | Output | HCMOS Clock Signal Output |
| **5** | N/C | No Connection |
| **6** | Vcc | Supply Voltage (3.3V) |
---
## 4. Common Applications
Due to its high stability and industrial temperature rating, the MHO+68FBD-R is commonly found in:
1. **SONET / SDH / ATM** telecommunication equipment.
2. **Wireless Base Stations** (Cellular infrastructure).
3. **Ethernet Switches and Routers** for network synchronization.
4. **Smart Grid** infrastructure and industrial IoT gateways.
- ⤷
What is the difference between a TCXO like this and a standard XO?
- ⤷ How does the 'Tri-state' function impact power consumption in a circuit?
- ⤷ Can this part be used in automotive applications?