MHO+72TCD-R
AI

The **MHO+72TCD-R** is a specific model within the **MHO+ Series** of high-precision crystal oscillators manufactured by **MtronPTI**. These components are essential in electronics for providing a stable clock signal.
---
### 1. Technical Specifications Table
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Fixed frequency clock generator. |
| **Frequency Range** | 1.5 MHz to 155.52 MHz | (Actual frequency depends on specific ordering code). |
| **Supply Voltage** | 5.0 Volts (±10%) | Typical operating voltage for the '7' series. |
| **Output Type** | HCMOS / TTL | Compatible with logic circuits. |
| **Package Style** | 14-pin DIP (DIL) | Through-hole, hermetically sealed metal package. |
| **Stability** | ±100 ppm (standard) | Frequency variance over temperature. |
| **Operating Temp** | 0°C to +70°C | Commercial grade temperature range. |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows MtronPTI’s naming convention:
* **MHO**: Represents the product series (High-speed HCMOS/TTL).
* **+**: Indicates **RoHS compliance** (Lead-free).
* **7**: Specifies the operating voltage (7 = 5.0V).
* **2**: Designates the stability/temperature code (2 = ±100ppm, 0°C to +70°C).
* **T**: Indicates the output load (T = TTL/HCMOS compatible).
* **CD**: Refers to the physical package (CD = 14-pin DIP, 4 pins connected).
* **R**: Denotes the specific revision or frequency tuning.
---
### 3. Key Electronic Characteristics
#### A. Power and Logic
This part operates on a **5V supply**, making it ideal for legacy systems or industrial hardware that requires high-voltage logic levels. It can drive both CMOS (High-speed Complementary Metal-Oxide-Semiconductor) and TTL (Transistor-Transistor Logic) inputs.
#### B. The "Full Size" Package
The **CD** designation refers to a 14-pin DIP metal can. Although it has 14 pin positions, typically only 4 pins are active:
* **Pin 1:** NC (No connection) or Tristate (Enable/Disable).
* **Pin 7:** Case Ground.
* **Pin 8:** Output Signal.
* **Pin 14:** Vcc (+5V).
#### C. Stability and Precision
With a **100ppm** (Parts Per Million) stability, this oscillator is designed for general-purpose timing. It ensures that the digital clock does not drift significantly due to heat or electrical noise during standard operation.
---
### 4. Common Applications
* **Microprocessor Clocks:** Providing the "heartbeat" for CPUs and Microcontrollers.
* **Telecommunications:** Timing for data transmission hardware.
* **Industrial Control:** Used in PLCs and automation equipment where through-hole mounting is preferred for durability.
* **Legacy Hardware:** Maintenance and repair of older computing equipment using 5V logic.
- ⤷What is the difference between HCMOS and TTL output levels?
- ⤷ How do I test if an MHO+72TCD-R oscillator is functioning correctly?
- ⤷ Can I substitute a 3.3V oscillator for this 5V part?