MHO+75FGG-R
AI

The **MHO+75FGG-R** is a high-precision, high-frequency **Oven Controlled Crystal Oscillator (OCXO)** manufactured by **MtronPTI**. This specific component is designed for applications where extreme frequency stability over temperature changes is critical.
---
## 1. Technical Specifications Overview
The part number follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Oven Controlled Crystal Oscillator (OCXO) |
| **Package Type** | 14-pin DIP (Dual In-line Package) Compatible |
| **Frequency Range** | Typically available from 1 MHz to 160 MHz |
| **Supply Voltage** | Usually +5.0V (Standard for "75" series) |
| **Output Type** | HCMOS / TTL |
| **RoHS Status** | Compliant (Indicated by "-R") |
---
## 2. Key Electronic Features
### A. The "Oven" Mechanism
Unlike standard oscillators (XO) or Temperature Compensated Oscillators (TCXO), the MHO series contains an internal heating element and a control circuit. It maintains the quartz crystal at a specific **"turnover" temperature** (usually around 75°C to 85°C), where the crystal's frequency-to-temperature slope is nearly zero.
### B. Frequency Stability
The "FGG" code typically refers to the stability and temperature range.
* **Thermal Stability:** Often in the range of $\pm 0.1$ ppm to $\pm 0.5$ ppm.
* **Aging:** Very low aging rates (e.g., $\pm 1$ ppm over 10 years), making it ideal for long-term deployments.
### C. Output Waveform
The device provides a **Square Wave** output compatible with High-Speed CMOS (HCMOS) logic levels. This allows it to drive digital clocks and processors directly without additional interface circuitry.
---
## 3. Pin Configuration (Internal Architecture)
In a standard 14-pin DIP footprint, only four or five pins are usually active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | V_control (Optional) | Voltage control for fine-tuning frequency (EFC). |
| **Pin 7** | Ground | Case and circuit ground. |
| **Pin 8** | Output | The generated RF clock signal. |
| **Pin 14** | Vcc | Power supply input (+5V). |
---
## 4. Typical Applications
Due to its high stability, the MHO+75FGG-R is used in:
* **Telecommunications:** Base stations (LTE/5G) and small cells.
* **Test and Measurement:** Frequency counters and signal generators.
* **Networking:** Synchronous Ethernet (SyncE) and IEEE 1588 PTP clocks.
* **Aerospace:** Satellite communication ground stations.
---
- ⤷
What is the difference in power consumption between this OCXO and a standard TCXO?
- ⤷ How does the 'Warm-up time' affect the performance of the MHO+75FGG-R?
- ⤷ Can this part be used in battery-powered portable devices?