ML2010-R20-JB
AI

The **ML2010-R20-JB** is a specific electronic component, typically categorized as a **Wirewound Power Resistor**. This part is designed to handle high-density power loads while maintaining high stability.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's limits:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **ML** | Series | High Power / Low Resistance Wirewound |
| **2010** | Package Size | 2.0 x 1.0 inches (approximately) |
| **-R20** | Resistance Value | 0.20 Ohms (200mΩ) |
| **-J** | Tolerance | ±5% |
| **-B** | Packaging/Special | Bulk packaging or specific terminal finish |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (commonly produced by companies like RCD Components), the general specs for this series are:
* **Resistance:** 0.20 $\Omega$
* **Tolerance:** ±5% (Standard for "J" grade)
* **Power Rating:** Typically ranges from **5W to 10W** depending on the specific heatsink or mounting conditions.
* **Construction:** Wirewound element around a ceramic core, often coated with a flameproof silicone or vitreous enamel.
* **Temperature Coefficient (TCR):** Usually low (e.g., ±50ppm to ±100ppm/°C), providing stability across temperature fluctuations.
---
### 3. Electronic Function & Applications
The ML2010-R20-JB is primarily used in circuits where **low resistance** and **high power dissipation** are required.
#### A. Current Sensing
Because the resistance is very low (0.20Ω), it is ideal for measuring current. By measuring the voltage drop across this resistor ($V = I \times R$), a control circuit can determine the amount of current flowing.
#### B. Inrush Current Limiting
It can be used to limit the initial surge of current when a device is powered on, protecting sensitive semiconductors.
#### C. Typical Circuit Locations:
* Power supplies (DC-DC Converters)
* Motor controllers
* Battery management systems (BMS)
* Audio amplifiers (as emitter resistors)
---
### 4. Physical Characteristics
* **Durability:** Wirewound resistors are more robust than thick-film resistors when handling transient pulses and surges.
* **Inductance:** Because it is wirewound, it may have some parasitic inductance. If used in high-frequency switching, a "non-inductive" version (often designated as **NML**) would be used instead.
- ⤷
What is the maximum power dissipation (wattage) for the ML2010 series?
- ⤷ How does a wirewound resistor compare to a thick-film resistor for current sensing?
- ⤷ Is there a non-inductive version of the R20 resistor available?