MLF2012DR10MTD25
AI

The **MLF2012DR10MTD25** is a high-performance multilayer inductor manufactured by **TDK Corporation**. It is part of the MLF series, specifically designed for general-purpose circuits, featuring a compact footprint and high reliability.
### 1. General Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.1 µH (100 nH) |
| **Tolerance** | ±20% (M) |
| **Case Size (EIA/Metric)** | 0805 / 2012 |
| **Rated Current (max)** | 300 mA |
| **DC Resistance (max)** | 0.15 Ω |
| **Self-Resonant Frequency** | 550 MHz (min) |
| **Operating Temperature** | -55°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Part Number Breakdown
The alphanumeric code follows TDK’s standard nomenclature for multilayer inductors:
* **MLF**: Series Name (Multilayer Ferrite).
* **2012**: Dimensions (2.0mm length x 1.25mm width).
* **D**: Characteristic type (Standard).
* **R10**: Inductance value (R = decimal point; R10 = 0.10 µH).
* **M**: Inductance tolerance (±20%).
* **T**: Packaging (Taping/Reel).
* **D25**: Internal control/specific design code.
---
### 3. Key Features
* **Multilayer Construction:** The inductor is created by layering ferrite and conductive materials, resulting in a magnetic shield. This prevents electromagnetic interference (EMI) with neighboring components.
* **High Reliability:** Designed to operate in a wide temperature range, making it suitable for automotive and industrial applications.
* **Compact 0805 Footprint:** Ideal for high-density circuit boards where space is limited.
* **AEC-Q200 Compliant:** Often used in automotive environments due to its robustness against mechanical stress and heat.
---
### 4. Common Applications
This inductor is typically used in signal line circuits for:
1. **Mobile Devices:** Smart phones and tablets for power decoupling.
2. **Automotive Electronics:** Infotainment systems and ECUs (Electronic Control Units).
3. **Consumer Electronics:** Hard disk drives, digital cameras, and audio equipment.
4. **Noise Suppression:** Effective at filtering high-frequency noise in power supply lines.
- ⤷
What are the main differences between the MLF and MLP series from TDK?
- ⤷ Can this inductor be used in high-frequency RF tuning circuits?
- ⤷ What is the recommended solder profile for the 0805 metric package?