MLPC12-R47M-RC
AI

The **MLPC12-R47M-RC** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules.
### 1. Technical Specifications
The following table outlines the core electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | ~11 - 13 mΩ (Typical) |
| **Saturation Current (Isat)** | ~8.0 - 9.5 A (Typical) |
| **Temperature Rise Current (Irms)** | ~7.0 - 8.5 A (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 1210 / 1212 (Approx. 3.0 x 3.0 x 1.2 mm) |
---
### 2. Component Breakdown (Naming Convention)
The part number can be decoded to understand its construction:
* **MLPC**: Series designation (Molded Low Profile Power Choke).
* **12**: Physical size code (often referring to height or footprint dimensions).
* **R47**: Inductance value (R serves as a decimal point; 0.47 microhenries).
* **M**: Tolerance (Standard ±20%).
* **RC**: RoHS Compliant.
---
### 3. Key Features & Construction
* **Molded Structure:** Unlike traditional wire-wound inductors, this part uses a metal powder molding technology. This provides excellent magnetic shielding and reduces acoustic noise (buzzing).
* **High Saturation:** The metal powder core allows the inductor to handle high peak currents without the inductance dropping off sharply.
* **Low Profile:** The "LP" in the name stands for Low Profile, making it ideal for thin electronic devices like smartphones, tablets, and SSDs.
* **Low DCR:** Designed to minimize power loss as heat, increasing the overall efficiency of the power circuit.
---
### 4. Typical Applications
This inductor is primarily used in **Switching Mode Power Supplies (SMPS)** for:
1. **CPU/GPU Power Rails:** Providing stable current to high-speed processors.
2. **DC-DC Buck Converters:** Stepping down voltage in battery-operated devices.
3. **Communication Equipment:** Filtering noise in RF and data transmission modules.
- ⤷What is the difference between Isat and Irms for this inductor?
- ⤷ Can this part be substituted with a 0.47uH ferrite core inductor?
- ⤷ What are the soldering layout recommendations for the 1210 package size?