MMF204-R-0R
AI

The **MMF204-R-0R** is a specific type of electronic component known as a **MELF (Metal Electrode Leadless Face) Resistor**. These are high-precision, high-reliability surface-mount resistors typically used in demanding environments.
---
### 1. Part Number Breakdown
The nomenclature usually follows specific manufacturer standards (likely Yageo or similar high-precision brands).
| Component Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **MMF** | Series Code | Metal Film MELF Resistor (Professional/High Stability) |
| **204** | Case Size/Power | 0204 Size (approx. 3.5mm x 1.4mm), 0.4W rating |
| **R** | T.C.R / Packing | Often denotes Reel packaging or Temperature Coefficient |
| **0R** | Resistance Value | **0 Ohms** (Jumper/Link) |
### 2. Technical Specifications
This specific part is a **Zero-Ohm Jumper**. It acts as a conductive bridge on a PCB.
* **Type:** Metal Film MELF.
* **Resistance:** 0 $\Omega$ (Jumper).
* **Power Rating:** Typically 0.4W (at 70°C).
* **Maximum Current:** Usually rated for 3A to 5A for the 0204 size.
* **Operating Temperature:** -55°C to +155°C.
* **Construction:** Cylindrical ceramic body with metal electrodes.
### 3. Key Advantages of MELF Design
MELF resistors like the MMF204 offer several benefits over standard flat-chip resistors (like 0805 or 1206 packages):
1. **Thermal Dissipation:** The cylindrical shape provides a larger surface area for cooling.
2. **Pulse Load Capability:** Superior ability to handle energy surges compared to thick-film flat resistors.
3. **Stability:** High moisture resistance and excellent long-term stability.
4. **Mechanical Strength:** Better resistance to PCB bending/flexing stress.
### 4. Common Applications
Since this is a **0-Ohm jumper**, it is used for:
* **Circuit Configuration:** Allowing different hardware options on the same PCB layout.
* **Bypassing:** Closing a circuit path that may only be needed in specific models.
* **Manufacturing:** Using automated pick-and-place machines to install a "wire" where a standard resistor might otherwise go.
---
- ⤷
What is the difference between a MELF resistor and a standard SMD flat chip resistor?
- ⤷ How do I calculate the maximum current for a 0-ohm MELF jumper?
- ⤷ Can this part be used in automotive or high-vibration environments?