MP20249
AI

## Overview of the MP20249
The **MP20249** is a high-performance, dual-channel, low-dropout (LDO) linear regulator manufactured by Monolithic Power Systems (MPS). It is specifically designed for battery-powered applications where power efficiency and a small footprint are critical.
---
### Key Specifications
Below are the primary electrical characteristics and parameters of the MP20249:
| Parameter | Specifications |
| :--- | :--- |
| **Input Voltage Range** | 2.5V to 6V |
| **Output Channels** | Dual (2 independent outputs) |
| **Output Current** | 300mA per channel |
| **Dropout Voltage** | ~230mV at 300mA load |
| **Quiescent Current** | ~50µA (per channel) |
| **PSRR** | 70dB at 1kHz |
| **Package Type** | QFN-8 (2mm x 2mm) |
---
### Functional Components & Features
The MP20249 consists of several internal electronic subsystems that ensure stable voltage regulation:
1. **Dual LDO Architecture**: It contains two independent regulators in a single chip, allowing the device to power two different sub-systems (e.g., a microcontroller and a sensor) simultaneously.
2. **Enable Pins (EN1/EN2)**: Each channel has a dedicated enable pin. This allows for sequenced power-up or turning off unused circuits to conserve battery life.
3. **Internal Protection Circuitry**:
* **Thermal Shutdown**: Automatically turns off the device if the internal temperature exceeds safe limits.
* **Current Limit**: Prevents the chip from burning out if there is a short circuit on the output.
4. **Low Noise Output**: The architecture is optimized to minimize electronic noise, making it suitable for sensitive RF (Radio Frequency) or analog circuits.
---
### Typical Application Circuit
When integrating the MP20249, external components are required for stability. Typically, ceramic capacitors are used due to their low ESR (Equivalent Series Resistance).
```text
Input (2.5V - 6V) ----[ C_IN: 1uF ]----| MP20249 |----[ C_OUT1: 1uF ]----> V_OUT1
| |----[ C_OUT2: 1uF ]----> V_OUT2
| GND |
```
---
### Common Use Cases
* **Smartphones and Tablets**: Managing power for peripheral modules.
* **Wearables**: Ideal for smartwatches due to the small 2mm x 2mm package.
* **Wireless Modules**: Providing clean power to Bluetooth or Wi-Fi chipsets.
* **Battery-Powered Medical Devices**: Where low quiescent current extends operational life.
- ⤷
What are the specific pinout configurations for the QFN-8 package of the MP20249?
- ⤷ How does the dropout voltage of the MP20249 compare to other LDOs in its class?
- ⤷ Can the MP20249 be used with tantalum capacitors instead of ceramic ones?