MPF2S37-R10-G
AI

The **MPF2S37-R10-G** is a high-performance, shielded power inductor typically used in DC-DC converter applications and power management modules. It belongs to a class of surface-mount devices (SMD) designed for high current density and low core loss.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.10 µH (100 nH) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | Very Low (mΩ range) |
| **Saturation Current (Isat)** | High (designed for peak power) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Shielding** | Magnetically Shielded |
---
### 2. Key Features
* **High Current Handling:** Due to the low inductance value (0.10 µH), this part is optimized for high-frequency switching regulators where high output current is required.
* **Magnetic Shielding:** The "G" suffix often denotes specific plating or shielding properties that reduce Electromagnetic Interference (EMI), preventing the inductor's magnetic field from affecting neighboring components.
* **Compact Footprint:** Designed for modern, space-constrained PCB layouts in consumer electronics and industrial computing.
* **Low DCR:** Minimizes power loss through heat, increasing the overall efficiency of the power supply circuit.
---
### 3. Common Applications
This inductor is generally found in the following circuits:
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery.
2. **Point of Load (POL) Converters:** High-speed switching power supplies.
3. **Distributed Power Systems:** Managing power across complex circuit boards.
4. **Servers and Data Centers:** Where high efficiency and thermal stability are critical.
---
### 4. Part Number Breakdown (Generic Analysis)
While naming conventions vary by manufacturer (such as Maglayers or similar vendors), the code generally breaks down as follows:
* **MPF:** Series identifier (Metal Power Formed or similar).
* **2S37:** Dimensional code (referring to the length, width, and height in mm).
* **R10:** Inductance value (R represents the decimal point; $0.10$ µH).
* **G:** Revision or Green/RoHS compliance status.
- ⤷What is the maximum saturation current for the MPF2S37 series?
- ⤷ Are there recommended substitutes with the same footprint?
- ⤷ How does the shielding in this inductor compare to unshielded types?