AI

Based on the part number **MPF2S37-R100-G**, this component is a high-precision, high-current **Power Inductor** typically used in automotive and industrial power management circuits.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor (SMD) |
| **Inductance** | 0.100 µH (Indicated by "R100") |
| **Tolerance** | ±20% (Commonly associated with the "G" or series suffix) |
| **Construction** | Metal Composite / Molded Construction |
| **Application** | DC-DC Converters, VRM, Automotive Infotainment |
---
### 2. Detailed Technical Breakdown
#### A. Electrical Characteristics
* **Low DCR (Direct Current Resistance):** Designed to minimize power loss and heat generation.
* **High Saturation Current ($I_{sat}$):** The molded metal powder core allows the inductor to handle high peak currents without the inductance dropping off sharply.
* **Frequency Range:** Optimized for high-speed switching frequencies (typically up to 5MHz).
#### B. Construction & Material
* **Molded Shielding:** The coil is encapsulated in a metallic magnetic powder. This provides excellent EMI (Electromagnetic Interference) shielding and reduces audible "buzzing" noise.
* **Thermal Stability:** These parts are built to withstand high operating temperatures, often ranging from **-55°C to +125°C** or higher.
---
### 3. Part Number Decoder
While specific manufacturers (like Cyntec or Mag Layers) may have slight variations, the code generally breaks down as follows:
| Segment | Meaning |
| :--- | :--- |
| **MPF** | Series Identifier (Metal Powder Formed) |
| **2S37** | Package Size (Dimensions in mm, e.g., 2.5 x 2.0 x 1.0) |
| **R100** | Inductance Value (R = decimal point; 0.100 µH) |
| **G** | Tolerance or Material Revision Code |
---
### 4. Key Advantages
1. **Compact Footprint:** High current density in a small surface-mount package.
2. **Soft Saturation:** Unlike ferrite cores, these do not saturate instantly, providing a safety margin during current spikes.
3. **AEC-Q200:** Often qualified for automotive use, ensuring high reliability under vibration and thermal shock.
- ⤷
What are the exact physical dimensions of the 2S37 package size?
- ⤷ How does a metal composite inductor compare to a traditional ferrite core inductor?
- ⤷ Can you provide the saturation current (Isat) rating for this specific R100 model?