Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MPP-RJ45

  • AI
    The **MPP-RJ45** typically refers to a **Modular Patch Panel** or a specific type of **RJ45 Shielded Connector/Jack** designed for high-performance networking. Below is a breakdown of the electronic components and structural features that define these parts. --- ## 1. Core Components and Materials The performance of an MPP-RJ45 part is determined by the quality of its internal circuitry and physical contacts. | Component | Material/Type | Function | | :--- | :--- | :--- | | **Contact Pins** | Phosphor Bronze with Gold Plating | Ensures low resistance and prevents oxidation. | | **Housing** | High-impact Flame Retardant Plastic (UL94V-0) | Provides structural integrity and fire safety. | | **Shielding** | Nickel-plated Brass or Steel | Protects against Electromagnetic Interference (EMI). | | **PCB** | Multi-layer FR4 | Manages crosstalk and impedance matching within the jack. | | **IDC Terminals** | Krone or 110 Type | Displacement contacts for connecting solid copper wires. | --- ## 2. Technical Specifications Electronic parts categorized as MPP-RJ45 are usually built to meet specific telecommunication standards (Category 6, 6A, or 7). ### Key Electrical Parameters: * **Contact Resistance:** Typically $\leq 20m\Omega$. * **Insulation Resistance:** $\geq 500M\Omega$ at 500V DC. * **Voltage Rating:** 125V AC RMS. * **Current Rating:** 1.5 Amps. * **Dielectric Withstand:** 1000V AC RMS, 60Hz/1min. --- ## 3. Advanced Features Modern MPP-RJ45 components often include specialized electronic designs to handle high-speed data: ### A. Crosstalk Compensation The internal PCB (Printed Circuit Board) uses trace geometry to cancel out **Near-End Crosstalk (NEXT)**. By introducing calculated delays and capacitive coupling, the part maintains signal integrity at frequencies up to 500MHz (for Cat6A). ### B. PoE Compatibility These parts are designed to handle **Power over Ethernet (PoE/PoE+/PoE++)**. This requires the contact pins to be robust enough to handle the thermal load of up to 90W of power without degrading the data signal. ### C. Shielding (FTP/STP) If the part is a "Shielded" version, it includes a metal "can" or wrap. This is electronically grounded to the drain wire of the Ethernet cable to drain away noise from external sources (Alien Crosstalk). --- ## 4. Installation Interface The physical connection logic usually follows one of two color-coded standards: 1. **T568A:** Historically used in government/residential. 2. **T568B:** The most common standard for commercial networking. ```text Pin Mapping (T568B): 1. White/Orange (TX+) 2. Orange (TX-) 3. White/Green (RX+) 4. Blue (PoE) 5. White/Blue (PoE) 6. Green (RX-) 7. White/Brown (Ground/PoE) 8. Brown (Ground/PoE) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Cat6 and Cat6A MPP-RJ45 connectors?
    • ⤷ How does gold plating thickness affect the lifespan of RJ45 contacts?
    • ⤷ What are the grounding requirements for shielded MPP-RJ45 patch panels?